Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STC3100
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STC3100 Datasheet HTML 5Page - STMicroelectronics STC3100 Datasheet HTML 6Page - STMicroelectronics STC3100 Datasheet HTML 7Page - STMicroelectronics STC3100 Datasheet HTML 8Page - STMicroelectronics STC3100 Datasheet HTML 9Page - STMicroelectronics STC3100 Datasheet HTML 10Page - STMicroelectronics STC3100 Datasheet HTML 11Page - STMicroelectronics STC3100 Datasheet HTML 12Page - STMicroelectronics STC3100 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STC3100
Functional description
9/21
7
Functional description
7.1
Gas gauge
The gas gauge is used to monitor the available battery capacity. The voltage drop across the
external sense resistor is integrated during a conversion period and input to a 12- to 14-bit
AD converter. The output conversion is accumulated into a 28-bit accumulator. The system
controller can control the gas gauge and read the data (upper 16 bits of the accumulator)
through the I2C control registers.
The AD converter output is in two
’s complement format. When a conversion cycle is
completed, the result is added to the charge accumulator and the number of conversions is
incremented in a 16-bit counter.
Figure 7.
Gas gauge block diagram
The controller can read the value of the most recent conversion in two
’s complement format
by reading the REG_CURRENT registers. These registers are updated at the end of each
conversion.
The differential inputs are scaled to the full range of the AD converter, introducing a small
offset error. A high value written to the CG_CAL bit of the control register connects the
inputs of the AD converter together, allowing the controller to measure the digital offset
error. Using this measurement, one can calibrate the gas gauge and reduce errors due to
the internal offset error.
AD converter
12/14-bit
CG
GND
28-bit
accumulator
Charge
register
Current
register
register
Counter
16-bit counter
EOC
16
16
16
Control logic
cg_enable
cg_calibration
cg_clock
Control
registers
32768 Hz
16
28
28
cg_res
2
rd_req
cg_rst
AM00832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com