Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STC3100
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100 Datasheet(HTML) 5 Page - STMicroelectronics

  STC3100 Datasheet HTML 1Page - STMicroelectronics STC3100 Datasheet HTML 2Page - STMicroelectronics STC3100 Datasheet HTML 3Page - STMicroelectronics STC3100 Datasheet HTML 4Page - STMicroelectronics STC3100 Datasheet HTML 5Page - STMicroelectronics STC3100 Datasheet HTML 6Page - STMicroelectronics STC3100 Datasheet HTML 7Page - STMicroelectronics STC3100 Datasheet HTML 8Page - STMicroelectronics STC3100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STC3100
Electrical characteristics
5/21
4
Electrical characteristics
Table 4.
Electrical characteristics (2.7 V < VCC < 4.5 V, -20° C to 70° C)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply
ICC
Operating current consumption
Average value over 4s
100
uA
Istby
Current consumption in standby
standby mode, inputs=0V
2
uA
Ipdn
Current consumption in power down
VCC < UVLOth, inputs=0V
1
uA
UVLOth
Undervoltage threshold
(VCC decreasing)
2.5
2.6
2.7
V
UVLOhyst
Undervoltage threshold hysteresis
100
mV
POR
Power-on reset threshold
(VCC decreasing)
2.0
V
Gas gauge A/D converter
Vin_gg
Input voltage range
-80
+80
mV
Iin
Input current for CG pin
500
nA
ADC_res
AD converter granularity
12 bits
13 bits
14 bits
47.08
23.54
11.77
uV
uV
uV
ADC_offset
AD converter offset
CG = 0V
12 bits
13 bits
14 bits
-2
-2
-3
2
2
3
LSB
LSB
LSB
ADC_time
AD conversion time (32768Hz clock)
12 bits
13 bits
14 bits
125
250
500
ms
ms
ms
ADC_acc
AD converter gain accuracy at full scale
25
° C
over temperature range
0.5
1
%
%
Fosc
Internal time base frequency
Rosc = 200 k
Ω, 0.1%
32768
Hz
Osc_acc
Internal time base accuracy
25
° C, VCC =3.6 V
over temperature and
voltage ranges
2
2.5
%
%
Fosc_ext
External time base frequency range
30
70
kHz
Cur_res
Current register LSB value
11.77
uV
Chg_res
Charge register LSB value
(32,768 Hz clock)
=Cur_res*2^12*0.5/3600
6.70
uV.h
Global_
CG_acc
Gas gauge accuracy (not including the
external sense resistor tolerance)
Using internal time base
Using external time base
3.5
1
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com