Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STC3100
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STC3100 Datasheet HTML 7Page - STMicroelectronics STC3100 Datasheet HTML 8Page - STMicroelectronics STC3100 Datasheet HTML 9Page - STMicroelectronics STC3100 Datasheet HTML 10Page - STMicroelectronics STC3100 Datasheet HTML 11Page - STMicroelectronics STC3100 Datasheet HTML 12Page - STMicroelectronics STC3100 Datasheet HTML 13Page - STMicroelectronics STC3100 Datasheet HTML 14Page - STMicroelectronics STC3100 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STC3100
Functional description
11/21
7.5
Unique device ID
The STC3100 provides a means to identify the battery pack or the subsystem. Each device
has its own unique 8-byte ID made of an 8-bit part ID (value = 10h for the STC3100), a
48-bit random unique ID and an 8-bit CRC.
The CRC-8 is calculated according to bytes REG_ID0 to REG_ID6 using the "x8 + x2 + x +
1" polynomial with a zero initial value.
Since the device ID is downloaded from the ROM at power-up and is subsequently kept in
read-only RAM locations together with the general-purpose RAM registers, the device ID
can also be used as an indicator of the RAM integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com