Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC3100
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100 Datasheet(HTML) 1 Page - STMicroelectronics

  STC3100 Datasheet HTML 1Page - STMicroelectronics STC3100 Datasheet HTML 2Page - STMicroelectronics STC3100 Datasheet HTML 3Page - STMicroelectronics STC3100 Datasheet HTML 4Page - STMicroelectronics STC3100 Datasheet HTML 5Page - STMicroelectronics STC3100 Datasheet HTML 6Page - STMicroelectronics STC3100 Datasheet HTML 7Page - STMicroelectronics STC3100 Datasheet HTML 8Page - STMicroelectronics STC3100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
January 2009
Rev 1
1/21
21
STC3100
Battery monitor IC with Coulomb counter/gas gauge
Features
Battery voltage monitoring
Internal temperature sensor
Coulomb counter with 12/14-bit AD converter,
+/- 80 mV input voltage range
Internal or external 32768 Hz time base
I2C interface for gas gauge monitoring and
device control
32-RAM bytes
8-byte unique device ID
One general-purpose I/O
Applications
Cellular phones, PDA, MP3 players, cordless
phones
Digital cameras, USB appliances, Bluetooth
devices
Description
The STC3100 monitors the critical parameters of
a single-cell Li-Ion battery (voltage, temperature
and current) and includes hardware functions to
implement a gas gauge for battery charge
monitoring, based on a programmable 12- to
14-bit A/D converter. With a typical 30 milliOhms
external sense resistor, the battery current can be
up to 2.5 A and the accumulator system provides
a capacity up to +/-7000 mAh with a resolution of
0.2 mAh.
The device is programmable through the I2C
interface.
MiniSO-8
(Plastic micropackage)
DFN8 3x3
(Plastic micropackage)
1
2
3
4
5
6
7
8
IO0
SDA
SCL
GND
VIN
ROSC
VCC
CG
Pin connections
(top view)
www.st.com


Similar Part No. - STC3100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC3105 STMICROELECTRONICS-STC3105 Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
More results

Similar Description - STC3100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
Gas Gauge IC
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
logo
Linear Technology
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
Gas Gauge IC
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
1-Cell Battery Monitor Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com