Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STC3100
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STC3100 Datasheet HTML 8Page - STMicroelectronics STC3100 Datasheet HTML 9Page - STMicroelectronics STC3100 Datasheet HTML 10Page - STMicroelectronics STC3100 Datasheet HTML 11Page - STMicroelectronics STC3100 Datasheet HTML 12Page - STMicroelectronics STC3100 Datasheet HTML 13Page - STMicroelectronics STC3100 Datasheet HTML 14Page - STMicroelectronics STC3100 Datasheet HTML 15Page - STMicroelectronics STC3100 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
I2C interface
STC3100
12/21
8
I2C interface
8.1
Read and write operations
The interface is used to control and read the current accumulator and registers. It is
compatible with the Philips I2C registered trademark (version 2.1). It is a slave serial
interface with a serial data line (SDA) and a serial clock line (SCL).
●
SCL: input clock used to shift data.
●
SDA: input/output bidirectional data transfers.
A filter rejects the potential spikes on the bus data line to preserve data integrity.
The bidirectional data line supports transfers up to 400 kbit/s (fast mode). The data is shifted
to and from the chip on the SDA line, MSB first.
The first bit must be high (START) followed by the device address and read/write bit control.
Bits DevADDR0 to DevADDR2 are factory-programmable, the default device address value
being 70h (AddrID0 = AddrID1 = AddrID2 = 0). The STC3100 then sends an acknowledge
at the end of an 8-bit long sequence. The next 8 bits correspond to the register address
followed by another acknowledge.
The data field is the last 8-bit long sequence sent, followed by a last acknowledge.
Table 6.
Device address format
b7
b6
b5
b4
b3
b2
b1
b0
1110
DevADDR2
DevADDR1
DevADDR0
R/W
Table 7.
Register address format
b7
b6
b5
b4
b3
b2
b1
b0
RegADDR7
RegADDR6
RegADDR5
RegADDR4
RegADDR3
RegADDR2
RegADDR1
RegADDR0
Table 8.
Register data format
b7
b6
b5
b4
b3
b2
b1
b0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com