Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STC3100
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100 Datasheet(HTML) 3 Page - STMicroelectronics

  STC3100 Datasheet HTML 1Page - STMicroelectronics STC3100 Datasheet HTML 2Page - STMicroelectronics STC3100 Datasheet HTML 3Page - STMicroelectronics STC3100 Datasheet HTML 4Page - STMicroelectronics STC3100 Datasheet HTML 5Page - STMicroelectronics STC3100 Datasheet HTML 6Page - STMicroelectronics STC3100 Datasheet HTML 7Page - STMicroelectronics STC3100 Datasheet HTML 8Page - STMicroelectronics STC3100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STC3100
Pin assignment
3/21
2
Pin assignment
Note:
I: input
O: output
OD: open drain
A: analog
D: digital
Table 1.
STC3100 pin description
Pin #
Pin name
Type
Function
1
IO0
I/OD
General-purpose I/O
2ROSC
I_AD
Oscillator bias resistor or external 32 kHz clock for gas
gauge
3
SDA
I/OD
I2C serial data
4
SCL
I_D
I2C serial clock
5
GND
Ground
Analog and digital ground
6
CG
I_A
Gas gauge current sense input
7
VCC
Supply
Power supply
8
VIN
I_A
Battery voltage sense input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com