Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STC3100
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100 Datasheet(HTML) 2 Page - STMicroelectronics

  STC3100 Datasheet HTML 1Page - STMicroelectronics STC3100 Datasheet HTML 2Page - STMicroelectronics STC3100 Datasheet HTML 3Page - STMicroelectronics STC3100 Datasheet HTML 4Page - STMicroelectronics STC3100 Datasheet HTML 5Page - STMicroelectronics STC3100 Datasheet HTML 6Page - STMicroelectronics STC3100 Datasheet HTML 7Page - STMicroelectronics STC3100 Datasheet HTML 8Page - STMicroelectronics STC3100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Block diagram
STC3100
2/21
1
Block diagram
Figure 1.
STC3100 internal block diagram
AD converter
12 / 14 bits (signed)
Accumulators and
control registers
I2C interface
VIN
GND
SDA
SCL
VCC
General-purpose I/O line
CG
32 kHz
time base
1.2 V
reference
IO0
AD converter
11 bits (unsigned)
Temp sensor
RAM & ID registers
MUX
Oscillator
ROSC
CG+
CG-
AM00830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com