Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STC3100
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STC3100 Datasheet HTML 11Page - STMicroelectronics STC3100 Datasheet HTML 12Page - STMicroelectronics STC3100 Datasheet HTML 13Page - STMicroelectronics STC3100 Datasheet HTML 14Page - STMicroelectronics STC3100 Datasheet HTML 15Page - STMicroelectronics STC3100 Datasheet HTML 16Page - STMicroelectronics STC3100 Datasheet HTML 17Page - STMicroelectronics STC3100 Datasheet HTML 18Page - STMicroelectronics STC3100 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
STC3100
I2C interface
15/21
Values held in consecutive registers (such as the charge value in the REG_CHARGE_LOW
and REG_CHARGE_HIGH registers) must be read with a single I2C access to ensure data
integrity. It is possible to read multiple values in one I2C access, all values will be consistent.
The charge data is coded in 2’s complement format, and the LSB value is 6.70 uV.h.
The battery current is coded in 2’s complement format, and the LSB value is 11.77 uV. In
13-bit resolution mode, the 0 bit is always set to zero. In 12-bit resolution, bits 0 and 1 are
always set to zero.
The battery voltage is coded in binary format, and the LSB value is 2.44 mV.
The temperature value is coded in 2’s complement format, and the LSB value is 0.125° C.
The temperature of 0° C corresponds to code 0.
Table 10.
REG_MODE - address 0
Name
Pos.
Type
Def.
Description
SEL_EXT_CLK
0
R/W
0
32,768 Hz clock source:
0: auto-detect, 1: external clock
GG_RES
[2,1]
R/W
00
Gas gauge ADC resolution:
00:14 bits, 01:13 bits, 10:12 bits
GG_CAL
3
R/W
0
0: no effect
1: used to calibrate the AD converters
GG_RUN
4
R/W
0
0: standby mode. Accumulator and counter
registers are frozen, gas gauge and battery
monitor functions are in standby.
1: operating mode.
[7..5]
Unused
Table 11.
REG_CTRL - address 1
Name
Pos.
Type
Def.
Description
IO0DATA
0
RX
Port IO0 data status:
0 = IO0 input is low, 1 = IO0 input is high
W1
Port IO0 data output drive:
0 = IO0 output is driven low,1 = IO0 output is open
GG_RST
1
W
0
0: no effect
1: resets the charge accumulator and conversion
counter. GG_RST is a self-clearing bit.
GG_EOC
2
R
1
Set at the end of a battery current conversion
cycle. Clears upon reading.
VTM_EOC
3
R
1
Set at the end of a battery voltage or temperature
conversion cycle. Clears upon reading.
PORDET
4
R1
Power on reset (POR) detection bit:
0 = no POR event occurred,
1 = POR event occurred
W0
Soft reset:
0 = release the soft-reset and clear the POR
detection bit, 1 = assert the soft-reset and set the
POR detection bit.
[7..5]
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com