Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 59Page - STMicroelectronics STM32W108HB Datasheet HTML 60Page - STMicroelectronics STM32W108HB Datasheet HTML 61Page - STMicroelectronics STM32W108HB Datasheet HTML 62Page - STMicroelectronics STM32W108HB Datasheet HTML 63Page - STMicroelectronics STM32W108HB Datasheet HTML 64Page - STMicroelectronics STM32W108HB Datasheet HTML 65Page - STMicroelectronics STM32W108HB Datasheet HTML 66Page - STMicroelectronics STM32W108HB Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 179 page
background image
STM32W108CB, STM32W108HB
Serial interfaces
Doc ID 16252 Rev 2
63/179
7.1
Configuration
Before using a serial controller, it should be configured and initialized as follows:
1.
Set up the parameters specific to the operating mode (master/slave for SPI, baud rate
for UART, etc.).
2.
Configure the GPIO pins used by the serial controller as shown in Table 9 and Table 10.
Section 6.1.2: Configuration on page 47 shows how to configure GPIO pins."If using
DMA, set up the DMA and buffers. This is described fully in Section 7.7: DMA channel
registers on page 72.
3.
If using interrupts, select edge- or level-triggered interrupts with the SCx_INTMODE
register, enable the desired second-level interrupt sources in the INT_SCxCFG
register, and finally enable the top-level SCx interrupt in the NVIC.
4.
Write the serial interface operating mode - SPI, TWI, or UART - to the SCx_MODE
register.
Table 9.
SC1 GPIO usage and configuration
Interface
PB1
PB2
PB3
PB4
SPI - Master
SC1MOSI alternate
output (push-pull)
SC1MISO input
SC1SCLK alternate
output (push-pull);
special SCLK mode
(not used)
SPI - Slave
SC1MISO alternate
output (push-pull)
SC1MOSI input
SC1SCLK input
SC1nSSEL input
TWI - Master
SC1SDA alternate
output (open-drain)
SC1SCL alternate
output (open-drain)
(not used)
(not used)
UART
TXD alternate
output (push-pull)
RXD input
nCTS input (1)
1.
used if RTS/CTS hardware flow control is enabled.
nRTS alternate
output (push-pull)
(1)
Table 10.
SC2 GPIO usage and configuration
Interface
PA0
PA1
PA2
PA3
SPI - Master
SC2MOSI
Alternate Output
(push-pull)
SC2MISO Input
SC2SCLK
Alternate Output
(push-pull), special
SCLK mode
(not used)
SPI - Slave
SC2MOSI
Alternate Output
(push-pull)
SC2MISO Input
SC2SCLK Input
SC2nSSEL Input
TWI - Master
(not used)
SC2SDA Alternate
Output (open-drain)
SC2SCL Alternate
Output (open-drain)
(not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com