Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 64Page - STMicroelectronics STM32W108HB Datasheet HTML 65Page - STMicroelectronics STM32W108HB Datasheet HTML 66Page - STMicroelectronics STM32W108HB Datasheet HTML 67Page - STMicroelectronics STM32W108HB Datasheet HTML 68Page - STMicroelectronics STM32W108HB Datasheet HTML 69Page - STMicroelectronics STM32W108HB Datasheet HTML 70Page - STMicroelectronics STM32W108HB Datasheet HTML 71Page - STMicroelectronics STM32W108HB Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 179 page
background image
Serial interfaces
STM32W108CB, STM32W108HB
68/179
Doc ID 16252 Rev 2
7.3.4
Serial clock linear prescaler register (SCx_RATELIN)
Address offset: 0xC860 (SC1_RATELIN) and 0xC060 (SC2_RATELIN)
Reset value:
0x0000 0000
7.3.5
Serial clock exponential prescaler register (SCx_RATEEXP)
Address offset: 0xC864 (SC1_RATEEXP) and 0xC064 (SC2_RATEEXP)
Reset value:
0x0000 0000
7.4
SPI slave mode
Refer to Registers (in the SPI Master Mode section) for a description of the SCx_DATA,
SCx_SPICFG, and SCx_SPISTAT registers.
[2] SC_SPITXFREE: This bit is set when the transmit FIFO has space to accept at least one byte.
[1] SC_SPIRXVAL: This bit is set when the receive FIFO contains at least one byte.
[0] SC_SPIRXOVF: This bit is set if a byte is received when the receive FIFO is full. This bit is
cleared by reading the data register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SC_RATELIN
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[3:0] SC_RATELIN: The linear component (LIN) of the clock rate in the equation:
Rate = 12 MHz / ( (LIN + 1) * (2^EXP) )
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SC_RATEEXP
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[3:0] SC_RATEEXP: The exponential component (EXP) of the clock rate in the equation:
Rate = 12 MHz / ( (LIN + 1) * (2^EXP) )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com