Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 35Page - STMicroelectronics STM32W108HB Datasheet HTML 36Page - STMicroelectronics STM32W108HB Datasheet HTML 37Page - STMicroelectronics STM32W108HB Datasheet HTML 38Page - STMicroelectronics STM32W108HB Datasheet HTML 39Page - STMicroelectronics STM32W108HB Datasheet HTML 40Page - STMicroelectronics STM32W108HB Datasheet HTML 41Page - STMicroelectronics STM32W108HB Datasheet HTML 42Page - STMicroelectronics STM32W108HB Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 179 page
background image
STM32W108CB, STM32W108HB
System modules
Doc ID 16252 Rev 2
39/179
Figure 6 shows a block diagram of the clocks in the STM32W108. This simplified view
shows all the clock sources and the general areas of the chip to which they are routed.
Figure 6.
Clocks block diagram
5.3.1
High-frequency internal RC oscillator (OSCHF)
The high-frequency RC oscillator (OSCHF) is used as the default system clock source when
power is applied to the core domain. The nominal frequency coming out of reset is 12 MHz.
Most peripherals, excluding the radio peripheral, are fully functional using the OSCHF clock
source. Application software must be aware that peripherals are clocked at different speeds
depending on whether OSCHF or OSC24M is being used. Since the frequency step of
OSCHF is 0.5 MHz and the high-frequency crystal oscillator is used for calibration, the
calibrated accuracy of OSCHF is +/-250 kHz +/-40 ppm. The UART and ADC peripherals
may not be usable due to the lower accuracy of the OSCHF frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com