Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 33Page - STMicroelectronics STM32W108HB Datasheet HTML 34Page - STMicroelectronics STM32W108HB Datasheet HTML 35Page - STMicroelectronics STM32W108HB Datasheet HTML 36Page - STMicroelectronics STM32W108HB Datasheet HTML 37Page - STMicroelectronics STM32W108HB Datasheet HTML 38Page - STMicroelectronics STM32W108HB Datasheet HTML 39Page - STMicroelectronics STM32W108HB Datasheet HTML 40Page - STMicroelectronics STM32W108HB Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 179 page
background image
STM32W108CB, STM32W108HB
System modules
Doc ID 16252 Rev 2
37/179
Table 2 shows which reset sources generate certain resets.
5.2.4
Reset register
Reset event source register (RESET_EVENT)
Address offset: 0x4000 002C
Reset value: 0x0000 0001
Table 2.
Generated resets
Reset Source
Reset Generation
PORESET
SYSRESET
DAPRESET
PRESETHV
PRESETLV
POR HV
XXX
XX
POR LV (in deep sleep)
X
X
X
X
POR LV (not in deep
sleep)
XXX
XX
RSTB
XX
XX
Watchdog reset
X
X
X
Software reset
X
X
X
Option byte error
X
X
X
Normal deep sleep
X
X
X
X
Emulated deep sleep
X
X
Debug reset
X
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rrr
rrr
r
r
r
r
r
r
r
r
r
r
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CPU_L
OCKU
P
OPT_B
YTE_F
AIL
WAKE_
UP_DS
LEEP
SW_R
ST
W_DO
G
RSTB_
PIN
POWE
R_LV
POWE
R_HV
rrr
rrr
r
r
r
r
r
r
r
r
r
r
7 CPU_LOCKUP: When set to ‘1’, the reset is due to core lockup.
6 OPT_BYTE_FAIL: When set to ‘1’, the reset is due to an Option byte load failure (may be set
with other bits).
5 WAKE_UP_DSLEEP: When set to ‘1’, the reset is due to a wake-up from Deep Sleep.
4 SW_RST: When set to ‘1’, the reset is due to a software reset.
3 W_DOG: When set to ‘1’, the reset is due to watchdog expiration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com