Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 24Page - STMicroelectronics STM32W108HB Datasheet HTML 25Page - STMicroelectronics STM32W108HB Datasheet HTML 26Page - STMicroelectronics STM32W108HB Datasheet HTML 27Page - STMicroelectronics STM32W108HB Datasheet HTML 28Page - STMicroelectronics STM32W108HB Datasheet HTML 29Page - STMicroelectronics STM32W108HB Datasheet HTML 30Page - STMicroelectronics STM32W108HB Datasheet HTML 31Page - STMicroelectronics STM32W108HB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 179 page
background image
Pinout and pin description
STM32W108CB, STM32W108HB
28/179
Doc ID 16252 Rev 2
42
35
PB6
I/O
High
current
Digital I/O
ADC1
Analog
ADC Input 1
Enable analog function with GPIO_PBCFGH[11:8]
IRQB
I
External interrupt source B
TIM1_CH1
O
Timer 1 channel 1 output
Enable timer output in TIM1_CCER
Select alternate output function with GPIO_PBCFGH[11:8]
I
Timer 1 channel 1 input (Cannot be remapped)
43
PB5
I/O
Digital I/O
ADC0
Analog
ADC Input 0
Enable analog function with GPIO_PBCFGH[7:4]
TIM2CLK
I
Timer 2 external clock input
TIM1MSK
I
Timer 2 external clock mask input
44
36
VDD_CORE
Power
1.25 V digital core supply decoupling
45
37
VDD_PRE
Power
1.8 V prescaler supply
46
VDD_SYNTH
Power
1.8 V synthesizer supply
47
38
OSCB
I/O
24 MHz crystal oscillator or left open when using external clock
input on OSCA
48
39
OSCA
I/O
24 MHz crystal oscillator or external clock input
49
41
GND
Ground
Ground supply pad in the bottom center of the package.
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQSEL and GPIO_IRQDSEL
registers.
Table 1.
Pin descriptions (continued)
48-Pin
Packag
e Pin
no.
40-Pin
Packag
e Pin
no.
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com