Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 82Page - STMicroelectronics STM32W108HB Datasheet HTML 83Page - STMicroelectronics STM32W108HB Datasheet HTML 84Page - STMicroelectronics STM32W108HB Datasheet HTML 85Page - STMicroelectronics STM32W108HB Datasheet HTML 86Page - STMicroelectronics STM32W108HB Datasheet HTML 87Page - STMicroelectronics STM32W108HB Datasheet HTML 88Page - STMicroelectronics STM32W108HB Datasheet HTML 89Page - STMicroelectronics STM32W108HB Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
86/179
Doc ID 16252 Rev 2
In addition, if the TIM_URS bit in the TIMx_CR1 register is set, setting the TIM_UG bit
generates an update event, but without setting the INT_TIMUIF flag. Thus no interrupt
request is sent. This avoids generating both update and capture interrupts when clearing the
counter on the capture event.
When an update event occurs, the update flag (the INT_TIMUIF bit in the INT_TIMxFLAG
register) is set (unless TIM_USR is 1) and the following registers are updated:
●
The prescaler shadow register is reloaded with the buffer value (contents of the
TIMx_PSC register).
●
The auto-reload active register is updated with the buffer value (contents of the
TIMx_ARR register). The auto-reload is updated before the counter is reloaded, so that
the next period is the expected one.
Figure 16 and Figure 17 show some examples of the counter behavior for different clock
frequencies when TIMx_ARR = 0x36.
Figure 16.
Counter timing diagram, internal clock divided by 1
Figure 17.
Counter timing diagram, internal clock divided by 4
Center-aligned mode (up/down counting)
In center-aligned mode, the counter counts from 0 to the auto-reload value (contents of the
TIMx_ARR register) - 1 and generates a counter overflow event, then counts from the
autoreload value down to 1 and generates a counter underflow event. Then it restarts
counting from 0.
In this mode, the direction bit (TIM_DIR in the TIMx_CR1 register) cannot be written. It is
updated by hardware and gives the current direction of the counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com