Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 38Page - STMicroelectronics STM32W108HB Datasheet HTML 39Page - STMicroelectronics STM32W108HB Datasheet HTML 40Page - STMicroelectronics STM32W108HB Datasheet HTML 41Page - STMicroelectronics STM32W108HB Datasheet HTML 42Page - STMicroelectronics STM32W108HB Datasheet HTML 43Page - STMicroelectronics STM32W108HB Datasheet HTML 44Page - STMicroelectronics STM32W108HB Datasheet HTML 45Page - STMicroelectronics STM32W108HB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 179 page
background image
System modules
STM32W108CB, STM32W108HB
42/179
Doc ID 16252 Rev 2
5.4
System timers
5.4.1
Watchdog timer
The STM32W108 integrates a watchdog timer which can be enabled to provide protection
against software crashes and ARM® Cortex-M3 CPU lockup. By default, it is disabled at
power up of the always-on power domain. The watchdog timer uses the calibrated 1 kHz
clock (CLK1K) as its reference and provides a nominal 2.048 s timeout. A low water mark
interrupt occurs at 1.792 s and triggers an NMI to the ARM® Cortex-M3 NVIC as an early
warning. When enabled, periodically reset the watchdog timer by writing to the
WDOG_RESTART register before it expires.
The watchdog timer can be paused when the debugger halts the ARM® Cortex-M3. To
enable this functionality, set the bit DBG_PAUSE in the SLEEP_CONFIG register.
If the low-frequency internal RC oscillator (OSCRC) is turned off during deep sleep, CLK1K
stops. As a consequence the watchdog timer stops counting and is effectively paused
during deep sleep.
The watchdog enable/disable bits are protected from accidental change by requiring a two
step process. To enable the watchdog timer the application must first write the enable code
0xEABE to the WDOG_CTRL register and then set the WDOG_EN register bit. To disable
the timer the application must write the disable code 0xDEAD to the WDOG_CTRL register
and then set the WDOG_DIS register bit.
5.4.2
Sleep timer
The STM32W108 integrates a 32-bit timer dedicated to system timing and waking from
sleep at specific times. The sleep timer can use either the calibrated 1 kHz
reference(CLK1K), or the 32 kHz crystal clock (CLK32K). The default clock source is the
internal 1 kHz clock. The sleep timer clock source is chosen with the SLEEPTMR_CLKSEL
register.
The sleep timer has a prescaler, a divider of the form 2^N, where N can be programmed
from 1 to 2^15. This divider allows for very long periods of sleep to be timed. The timer
provides two compare outputs and wrap detection, all of which can be used to generate an
interrupt or a wake up event.
The sleep timer is paused when the debugger halts the ARM® Cortex-M3. No additional
register bit must be set.
To save current during deep sleep, the low-frequency internal RC oscillator (OSCRC) can
be turned off. If OSCRC is turned off during deep sleep and a low-frequency 32.768 kHz
crystal oscillator is not being used, then the sleep timer will not operate during deep sleep
and sleep timer wake events cannot be used to wakeup the STM32W108.
5.4.3
Event timer
The SysTick timer is an ARM® standard system timer in the NVIC. The SysTick timer can
be clocked from either the FCLK (the clock going into the CPU) or the Sleep Timer clock.
FCLK is either the SCLK or PCLK as selected by CPU_CLK_SEL (see Section 5.3.5: Clock
switching on page 40).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com