Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 36Page - STMicroelectronics STM32W108HB Datasheet HTML 37Page - STMicroelectronics STM32W108HB Datasheet HTML 38Page - STMicroelectronics STM32W108HB Datasheet HTML 39Page - STMicroelectronics STM32W108HB Datasheet HTML 40Page - STMicroelectronics STM32W108HB Datasheet HTML 41Page - STMicroelectronics STM32W108HB Datasheet HTML 42Page - STMicroelectronics STM32W108HB Datasheet HTML 43Page - STMicroelectronics STM32W108HB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 179 page
background image
System modules
STM32W108CB, STM32W108HB
40/179
Doc ID 16252 Rev 2
See also Section 12.4.1: High frequency internal clock characteristics on page 161.
5.3.2
High-frequency crystal oscillator (OSC24M)
The high-frequency crystal oscillator (OSC24M) requires an external 24 MHz crystal with an
accuracy of ±40 ppm. Based upon the application's bill of materials and current
consumption requirements, the external crystal may cover a range of ESR requirements.
The crystal oscillator has a software-programmable bias circuit to minimize current
consumption. ST software configures the bias circuit for minimum current consumption.
All peripherals including the radio peripheral are fully functional using the OSC24M clock
source. Application software must be aware that peripherals are clocked at different speeds
depending on whether OSCHF or OSC24M is being used.
If the 24 MHz crystal fails, a hardware failover mechanism forces the system to switch back
to the high-frequency RC oscillator as the main clock source, and a non-maskable interrupt
(NMI) is signaled to the ARM® Cortex-M3 NVIC.
See also Section 12.4.2: High frequency external clock characteristics on page 161.
5.3.3
Low-frequency internal RC oscillator (OSCRC)
A low-frequency RC oscillator (OSCRC) is provided as an internal timing reference. The
nominal frequency coming out of reset is 10 kHz, and ST software calibrates this clock to
10 kHz. From the tuned 10 kHz oscillator (OSCRC) ST software calibrates a fractional-N
divider to produce a 1 kHz reference clock, CLK1K.
See also Section 12.4.3: Low frequency internal clock characteristics on page 162.
5.3.4
Low-frequency crystal oscillator (OSC32K)
A low-frequency 32.768 kHz crystal oscillator (OSC32K) is provided as an optional timing
reference for on-chip timers. This oscillator is designed for use with an external watch
crystal.
See also Section 12.4.4: Low frequency external clock characteristics on page 162.
5.3.5
Clock switching
The STM32W108 has two switching mechanisms for the main system clock, providing four
clock modes.
The register bit OSC24M_SEL in the OSC24M_CTRL register switches between the high-
frequency RC oscillator (OSCHF) and the high-frequency crystal oscillator (OSC24M) as
the main system clock (SCLK). The peripheral clock (PCLK) is always half the frequency of
SCLK.
The register bit CPU_CLK_SEL in the CPU_CLKSEL register switches between PCLK and
SCLK to produce the ARM® Cortex-M3 CPU clock (FCLK). The default and preferred mode
of operation is to run the CPU at the lower PCLK frequency, 12 MHz, but the higher SCLK
frequency, 24 MHz, can be selected to give higher processing performance at the expense
of an increase in power consumption.
In addition to these modes, further automatic control is invoked by hardware when flash
programming is enabled. To ensure accuracy of the flash controller's timers, the FCLK
frequency is forced to 12 MHz during flash programming and erase operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com