Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05 Datasheet(PDF) 39 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 39 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 35Page - Motorola, Inc HC05 Datasheet HTML 36Page - Motorola, Inc HC05 Datasheet HTML 37Page - Motorola, Inc HC05 Datasheet HTML 38Page - Motorola, Inc HC05 Datasheet HTML 39Page - Motorola, Inc HC05 Datasheet HTML 40Page - Motorola, Inc HC05 Datasheet HTML 41Page - Motorola, Inc HC05 Datasheet HTML 42Page - Motorola, Inc HC05 Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
2-15
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.3.12.4
Oscillator division
The external oscillator can run up to 22MHz. For this reason an additional clock predivider is
provided; its division ratio is selected via a mask option (see Section 1.2). This allows a CPU clock
two, four, eight or ten times slower than the external clock, provided that SLOW mode has not been
entered. If the device is in SLOW mode, a further divide-by-16 oscillator predivider reduces the
CPU clock frequency to a frequency 32, 64, 128 or 160 times slower than the oscillator clock. The
MCAN is directly clocked with the external oscillator frequency divided by two. A block diagram of
the oscillator divider circuit is given in Figure 2-7.
2.3.13
PLMA
The PLMA pin is the output of pulse length modulation converter A.
2.3.14
PLMB
The PLMB pin is the output of pulse length modulation converter B.
Figure 2-7 Oscillator divider block diagram
OSC1
pin
OSC2
pin
Oscillator
MCAN module
÷ 16
Control logic
÷ 2
SM bit
÷1, ÷2,
÷4, or ÷5
fOSC/2, /4, /8 or /10
fOSC/32, /64,
/128 or /160
MCAN clock
Main internal clock
Mask option
÷ 2
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com