Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05 Datasheet(PDF) 21 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 17Page - Motorola, Inc HC05 Datasheet HTML 18Page - Motorola, Inc HC05 Datasheet HTML 19Page - Motorola, Inc HC05 Datasheet HTML 20Page - Motorola, Inc HC05 Datasheet HTML 21Page - Motorola, Inc HC05 Datasheet HTML 22Page - Motorola, Inc HC05 Datasheet HTML 23Page - Motorola, Inc HC05 Datasheet HTML 24Page - Motorola, Inc HC05 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
1-1
INTRODUCTION
1
1
INTRODUCTION
The MC68HC05X16 microcomputer (MCU) is a member of Motorola’s MC68HC05 family of
low-cost single chip microcomputers. This 8-bit MCU contains an on-board controller area network
module (MCAN), complete with interface circuitry, comprising output drivers, input comparators
and a VDD/2 generator. In addition, the device contains an on-chip oscillator, CPU, RAM, ROM,
EEPROM, A/D converter, pulse length modulated outputs, I/O, serial communications interface,
programmable timer system and watchdog. The fully static design allows operation at frequencies
down to dc, reducing power consumption to a few micro-amps.
This data sheet is structured such that devices similar to the MC68HC05X16 are described in a
set of appendices (see Table 1-1).
Note:
Appendix C contains only electrical characteristics exclusive to the high speed
operation of the MC68HC05X32. For all other information concerning this device, refer
to Appendix A.
Table 1-1 Data sheet appendices
Device
Appendix
Differences from MC68HC05X16
MC68HC05X32
A
32K bytes ROM; increased RAM
MC68HC705X32
B
32K bytes EPROM; increased RAM; bootstrap firmware
replaced
MC68HC05X32
C
32K bytes ROM; increased RAM; high speed operation
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com