Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05 Datasheet(PDF) 85 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 85 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 81Page - Motorola, Inc HC05 Datasheet HTML 82Page - Motorola, Inc HC05 Datasheet HTML 83Page - Motorola, Inc HC05 Datasheet HTML 84Page - Motorola, Inc HC05 Datasheet HTML 85Page - Motorola, Inc HC05 Datasheet HTML 86Page - Motorola, Inc HC05 Datasheet HTML 87Page - Motorola, Inc HC05 Datasheet HTML 88Page - Motorola, Inc HC05 Datasheet HTML 89Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-23
MOTOROLA CAN MODULE (MCAN)
5
Figure 5-6 A typical physical interface between the MCAN and the MCAN bus lines
&
+
–
SC
AC
SC
SC
+
–
+
–
+
–
TXP0
TXN0
TXP1
TXN1
RX0 passive
Data
RX1 passive
COMPSEL
Wake-up
VDD/2
Internal to the MC68HC05X16 MCAN module
680
Ω
680
Ω
150k
Ω
150k
Ω
2 x 30k
Ω
2 k
Ω 2 kΩ
1.75V 3.25V
Termination
network
TX0
TX1
RX0
RX1
CANL
CANH
VDDH
MCAN bus lines
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com