Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05 Datasheet(PDF) 77 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 77 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 73Page - Motorola, Inc HC05 Datasheet HTML 74Page - Motorola, Inc HC05 Datasheet HTML 75Page - Motorola, Inc HC05 Datasheet HTML 76Page - Motorola, Inc HC05 Datasheet HTML 77Page - Motorola, Inc HC05 Datasheet HTML 78Page - Motorola, Inc HC05 Datasheet HTML 79Page - Motorola, Inc HC05 Datasheet HTML 80Page - Motorola, Inc HC05 Datasheet HTML 81Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-15
MOTOROLA CAN MODULE (MCAN)
5
BRP5 – BRP0 — Baud rate prescaler bits
These bits determine the MCAN system clock cycle time (tSCL), which is used to build up the
individual bit timing, according to Table 5-2 and the formula in Figure 5-4.
Table 5-1 Synchronization jump width
SJW1
SJW0
Synchronization jump width
0
0
1 tSCL cycle
0
1
2 tSCL cycles
1
0
3 tSCL cycles
1
1
4 tSCL cycles
Table 5-2 Baud rate prescaler
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
Prescaler value (P)
0
00000
1
0
00001
2
0
00010
3
0
00011
4
:
:::::
:
:
:::::
:
1
11111
64
Figure 5-4 Oscillator block diagram
OSC1
fosc
fosc/2
fOP
MCU bus clock
MCAN module system clock
tSCL =
fosc
2P
Divide by
2
Divide by
10, 8, 4 or 2
Prescaler (P)
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com