Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05 Datasheet(PDF) 95 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 95 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 91Page - Motorola, Inc HC05 Datasheet HTML 92Page - Motorola, Inc HC05 Datasheet HTML 93Page - Motorola, Inc HC05 Datasheet HTML 94Page - Motorola, Inc HC05 Datasheet HTML 95Page - Motorola, Inc HC05 Datasheet HTML 96Page - Motorola, Inc HC05 Datasheet HTML 97Page - Motorola, Inc HC05 Datasheet HTML 98Page - Motorola, Inc HC05 Datasheet HTML 99Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
6-7
PROGRAMMABLE TIMER
6
ICF2 — Input capture flag 2
This bit is set when a negative edge is detected by the input capture edge detector 2 at TCAP2;
an input capture interrupt will be generated if ICIE is set. ICF2 is cleared by reading the TSR and
then the input capture low register 2 ($1D).
1 (set)
–
A valid (negative) input capture has occurred.
0 (clear) –
No input capture has occurred.
OCF2 — Output compare flag 2
This bit is set when the output compare 2 register contents match those of the free-running
counter; an output compare interrupt will be generated if OCIE is set. OCF2 is cleared by reading
the TSR and then the output compare 2 low register ($1F).
1 (set)
–
A valid output compare has occurred.
0 (clear) –
No output compare has occurred.
6.3
Input capture
‘Input capture’ is a technique whereby an external signal is used to trigger a read of the free
running counter. In this way it is possible to relate the timing of an external signal to the internal
counter value, and hence to elapsed time.
There are two input capture registers: input capture register 1 (ICR1) and input capture register 2 (ICR2).
The same input capture interrupt enable bit (ICIE) is used for the two input captures.
6.3.1
Input capture register 1 (ICR1)
The two 8-bit registers that make up the 16-bit input capture register 1 are read-only, and are used
to latch the value of the free-running counter after the input capture edge detector circuit 1 senses
a valid transition at TCAP1. The level transition that triggers the counter transfer is defined by the
input edge bit (IEDG1). When an input capture 1 occurs, the corresponding flag ICF1 in TSR is set.
An interrupt can also accompany an input capture 1 provided the ICIE bit in TCR is set. The 8 most
significant bits are stored in the input capture high 1 register at $14, the 8 least significant bits in
the input capture low 1 register at $15.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Input capture high 1
$0014
Undefined
Input capture low 1
$0015
Undefined
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com