Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05 Datasheet(PDF) 22 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 18Page - Motorola, Inc HC05 Datasheet HTML 19Page - Motorola, Inc HC05 Datasheet HTML 20Page - Motorola, Inc HC05 Datasheet HTML 21Page - Motorola, Inc HC05 Datasheet HTML 22Page - Motorola, Inc HC05 Datasheet HTML 23Page - Motorola, Inc HC05 Datasheet HTML 24Page - Motorola, Inc HC05 Datasheet HTML 25Page - Motorola, Inc HC05 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 232 page
background image
MOTOROLA
1-2
MC68HC05X16
Rev. 1
INTRODUCTION
1
1.1
Features
Hardware features
•
Fully static design featuring the industry standard M68HC05 family CPU core
•
On chip crystal oscillator with divide-by -2, -4, -8 or -10, or a software selectable divide-by -32,
-64, -128 or -160 option (SLOW mode)
•
352 bytes of RAM
•
15102 bytes of user ROM plus 16 bytes of user vectors
•
256 bytes of byte erasable EEPROM with internal charge pump and security bit
•
Write/erase protect bit for 224 of the 256 bytes EEPROM
•
Bootstrap firmware
•
Power saving STOP, WAIT and SLOW modes
•
Three 8-bit parallel I/O ports and one 8-bit input-only port; wired-OR interrupt capability on all
port B pins
•
Motorola controller area network (MCAN) with line interface circuitry
•
Software option available to output the internal E-clock to port pin PC2
•
16-bit timer with 2 input captures and 2 output compares
•
Computer operating properly (COP) watchdog timer
•
Serial communications interface system (SCI) with independent transmitter/receiver baud rate
selection; receiver wake-up function for use in multi-receiver systems
•
8 channel A/D converter
•
2 pulse length modulation systems which can be used as D/A converters
•
One interrupt request input plus 4 on-board hardware interrupt sources
•
2.2 MHz bus speed
•
–40 to +125
°C temperature range
•
Available in 64-pin quad flat pack (QFP) package
•
Complete development system support available using the MMDS05 or M68MMPFB0508
development station with the M68EML05X32 emulation module or the M68HC05XEVS
evaluation system
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com