Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05 Datasheet(PDF) 63 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 63 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 59Page - Motorola, Inc HC05 Datasheet HTML 60Page - Motorola, Inc HC05 Datasheet HTML 61Page - Motorola, Inc HC05 Datasheet HTML 62Page - Motorola, Inc HC05 Datasheet HTML 63Page - Motorola, Inc HC05 Datasheet HTML 64Page - Motorola, Inc HC05 Datasheet HTML 65Page - Motorola, Inc HC05 Datasheet HTML 66Page - Motorola, Inc HC05 Datasheet HTML 67Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
5-1
MOTOROLA CAN MODULE (MCAN)
5
5
MOTOROLA CAN MODULE (MCAN)
The MCAN includes all hardware modules necessary to implement the CAN transfer layer, which
represents the kernel of the CAN bus protocol as defined by BOSCH GmbH, the originators of the
CAN specification. For full details of the CAN protocol please refer to the published specifications.
Up to the message level, the MCAN is totally compatible with the full CAN implementation.
Functional differences are related to the object layer only. Whereas a full CAN controller provides
dedicated hardware for handling a set of messages, the MCAN is restricted to receiving and/or
transmitting messages on a message by message basis.
The MCAN will never initiate an overload frame. If the MCAN starts to receive a valid message
(one that passes the acceptance filter) and there is no receive buffer available for it then the
overrun flag in the CPU status register will be set. The MCAN will respond to overload frames
generated by other CAN nodes, as required by the CAN protocol. A summary of all the MCAN
frame formats is given in Figure 5-2 for reference. A diagram of the major blocks of the MCAN is
shown in Figure 5-1.
Figure 5-1 MCAN block diagram
Interface
management
logic
Transmit
buffer
Receive
buffer 0
Receive
buffer 1
Bit timing
logic
Transceive
logic
Bit stream
processor
Error
management
logic
Line
interface
logic
Microprocessor related logic
Bus line related logic
MCAN
bus
line
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com