Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 12Page - Active-Semi, Inc ACT5830 Datasheet HTML 13Page - Active-Semi, Inc ACT5830 Datasheet HTML 14Page - Active-Semi, Inc ACT5830 Datasheet HTML 15Page - Active-Semi, Inc ACT5830 Datasheet HTML 16Page - Active-Semi, Inc ACT5830 Datasheet HTML 17Page - Active-Semi, Inc ACT5830 Datasheet HTML 18Page - Active-Semi, Inc ACT5830 Datasheet HTML 19Page - Active-Semi, Inc ACT5830 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
STEP-DOWN DC/DC CONVERTER
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 16 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
TYPICAL PERFORMANCE CHARACTERISTICS
(VINx = 3.6V, COUTx = 1µF, TA = 25°C unless otherwise specified.)
REG Efficiency vs. Load
Output Current (mA)
10
100
1000
80
50
55
70
65
1
90
95
REG MOSFET Resistance
VP1 Voltage (V)
600
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
500
550
400
450
300
350
200
250
100
150
50
PMOS
NMOS
VREG Regulation Voltage
1.812
1.788
Temperature (°C)
-20
-40
0
20
40
60
1.810
1.808
1.806
1.804
1.802
1.800
1.798
1.796
1.794
1.792
1.790
IOUT1 = 35mA
85
REG Load Regulation
0.2
400
Output Current (mA)
50
100
150
200
250
300
350
0.0
-0.2
-0.4
-0.6
-0.8
3.6V
4.2V
-
0
CH1
CH2
REG Load Transient Response
CH1: VOUT1, 50mV/div (AC Coupled)
CH2: IOUT1, 200mA/div
TIME: 200µs/div
0mA
CH1
CH2
REG Load Transient Response
0mA
CH1: VOUT1, 50mV/div (AC Coupled)
CH2: IOUT1, 200mA/div
TIME: 200µs/div
60
75
85
3.6V
4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com