Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 31 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 31 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 27Page - Active-Semi, Inc ACT5830 Datasheet HTML 28Page - Active-Semi, Inc ACT5830 Datasheet HTML 29Page - Active-Semi, Inc ACT5830 Datasheet HTML 30Page - Active-Semi, Inc ACT5830 Datasheet HTML 31Page - Active-Semi, Inc ACT5830 Datasheet HTML 32Page - Active-Semi, Inc ACT5830 Datasheet HTML 33Page - Active-Semi, Inc ACT5830 Datasheet HTML 34Page - Active-Semi, Inc ACT5830 Datasheet HTML 35Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
LDO7
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 31 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ELECTRICAL CHARACTERISTICS
(VIN1 = 3.6V, COUT7 = 1µF, TA = 25°C unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Range
3.1
5.5
V
Input Under Voltage Lockout
VIN1 Input Rising
2.9
3
3.1
V
UVLO Hysteresis
VIN1 Input Falling
0.1
V
Output Voltage Accuracy
TA = 25°C
VNOM < 1.3V, IOUT = 10mA
-2.4
0
2
%
VNOM ≥ 1.3V, IOUT = 10mA
-1.2
0
2
VNOM < 1.3V, IOUT = 10mA
-5
0
3
VNOM ≥ 1.3V, IOUT = 10mA
-2.5
0
3
Line Regulation Error
VIN7 = Max (VNOM1 + 0.5V, 3.1V) to 5.5V
0
mV
Load Regulation Error
IOUT7 = 1mA to 250mA
-0.004
%/mA
Power Supply Rejection Ratio
f = 1kHz, IOUT7 = 250mA, COUT7 = 1µF
60
dB
f = 10kHz, IOUT7 = 250mA, COUT7 = 1µF
50
Supply Current per Output
LDO7 Enabled
20
µA
LDO7 Disabled
0
Dropout Voltage2
IOUT7 = 100mA
100
200
mV
Output Current
250
mA
Current Limit
VOUT7 = 95% of Regulation Voltage
275
410
mA
Current Limit Short Circuit
Foldback
VOUT7 = 0V
0.45 x ILIM
Internal Soft-Start
100
µs
Power Good Flag High
Threshold
VOUT7, Hysteresis = -1%
89
%
Output Noise
COUT7 = 10µF, f = 10Hz to 100kHz
40
µVRMS
Stable COUT7
1
20
µF
TA = -40°C to 85°C
: VNOM refers to the nominal output voltage level for LDO7 as defined by the Ordering Information section.
2
: Dropout Voltage is defined as the different voltage between input and output when the output voltage drops 100mV below the regu-
lation voltage at 1V differential voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com