Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 8Page - Active-Semi, Inc ACT5830 Datasheet HTML 9Page - Active-Semi, Inc ACT5830 Datasheet HTML 10Page - Active-Semi, Inc ACT5830 Datasheet HTML 11Page - Active-Semi, Inc ACT5830 Datasheet HTML 12Page - Active-Semi, Inc ACT5830 Datasheet HTML 13Page - Active-Semi, Inc ACT5830 Datasheet HTML 14Page - Active-Semi, Inc ACT5830 Datasheet HTML 15Page - Active-Semi, Inc ACT5830 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
SYSTEM MANAGEMENT
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
nON
PWR_HOLD
I2C PROGRAMMING
OUT4, OUT5, OUT6
TCXO_EN, RX_EN, TX_EN
nRST
RESET TIMER ENABLE
OUT1
LDO1 ENABLE
VBUCK, OUT2, OUT3
REG, LDO2, LDO3 ENABLE
65ms
CHG_DETECT OR HF_PWR
87% of VREG or VOUT2
PWR_ON (PUSH-BUTTON)
87% of VOUT1
Open Drain Outputs
The ACT5830 includes two n-channel open drain
outputs (OD1 and OD2) that can be used for driving
external loads such as WLEDs or a vibrator motor,
as shown in the functional diagram. Each of the OD
output are enabled when either it's respective ODIx
pin in driven to a logic high.
nACOK Output
The ACT5830's nACOK output provides a logic-level
indication of the status of the voltage at CHG_IN.
nACOK is an open-drain output which sinks current
whenever VCHG_IN > 4V.
Thermal Overload Protection
The ACT5830 integrates thermal overload protection
circuitry to prevent damage resulting from excessive
thermal stress that may be encountered under fault
conditions, for example. This circuitry disables all
regulators if the ACT5830 die temperature exceeds
160°C, and prevents the regulators
from being enabled until the die temperature drops
by 20°C (typ), after which a normal startup routine
may commence.
Figure 2:
Startup and Shutdown Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com