Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 13Page - Active-Semi, Inc ACT5830 Datasheet HTML 14Page - Active-Semi, Inc ACT5830 Datasheet HTML 15Page - Active-Semi, Inc ACT5830 Datasheet HTML 16Page - Active-Semi, Inc ACT5830 Datasheet HTML 17Page - Active-Semi, Inc ACT5830 Datasheet HTML 18Page - Active-Semi, Inc ACT5830 Datasheet HTML 19Page - Active-Semi, Inc ACT5830 Datasheet HTML 20Page - Active-Semi, Inc ACT5830 Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
STEP-DOWN DC/DC CONVERTER
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 17 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
FUNCTIONAL DESCRIPTIONS
General Description
REG is a fixed-frequency, current-mode, synchro-
nous PWM step-down converters that achieves a
peak efficiency of up to 97%. REG is capable of
supplying up to 350mA of output current and oper-
ates with a fixed frequency of 1.6MHz, minimizing
noise in sensitive applications and allowing the use
of small external components. REG is available with
a variety of standard and custom output voltages,
and may be software-controlled via the I2C interface
by systems that require advanced power manage-
ment functions.
100% Duty Cycle Operation
REG is capable of operating at up to 100% duty
cycle. During 100% duty-cycle operation, the high-
side power MOSFET is held on continuously, pro-
viding a direct connection from the input to the out-
put (through the inductor), ensuring the lowest pos-
sible dropout voltage in battery-powered applica-
tions.
Synchronous Rectification
REG features an integrated n-channel synchronous
rectifier, which maximizes efficiency and minimizes
the total solution size and cost by eliminating the
need for an external rectifier.
Enabling and Disabling REG
Enable/disable functionality is typically implemented
as part of a controlled enable/disable scheme utiliz-
ing nMSTR and other system control features of the
ACT5830. REG is automatically enabled whenever
either of the following conditions are met:
1) HF_PWR is asserted high, or
2) PWR_ON is asserted high, or
3) PWR_HOLD is asserted high.
When none of these conditions are true, or if
REG/ON[ ] bit is set to [0], REG is disabled, and its
quiescent supply current drops to less than 1µA.
Programming the Output Voltage
By default, REG powers up and regulates to its de-
fault output voltage. Once the system is enabled,
REG’s output voltage may be programmed to a dif-
ferent value, typically in order to reduce the power
consumption of a microprocessor in standby mode.
Program the output voltage via the I2C serial inter-
face by writing to the REG/VSET[ ] register.
Programmable Operating Mode
By default, REG operates in fixed-frequency PWM
mode at medium to heavy loads, then transitions to
a proprietary power-saving mode at light loads in
order to save power. In applications where low
noise is critical, force fixed-frequency PWM opera-
tion across the entire load current range, at the ex-
pense of light-load efficiency, by setting the
REG/MODE[ ] bit to [1].
Power-OK
REG features a power-OK status bit that can be
read by the system microprocessor. If the output
voltage is lower than the power-OK threshold, typi-
cally 6% below the programmed regulation voltage,
REG/OK[ ] will clear to 0.
Soft-Start
REG includes internal soft-start circuitry, and en-
abled its output voltage tracks an internal 80µs soft-
start ramp so that it powers up in a monotonic man-
ner that is independent of loading.
Compensation
REG utilizes current-mode control and a proprietary
internal compensation scheme to simultaneously
simplify external component selection and optimize
transient performance over its full operating range.
No compensation design is required, simply follow a
few simple guidelines described below when choos-
ing external components.
Input Capacitor Selection
The input capacitor reduces peak currents and
noise induced upon the voltage source. A 2.2µF
ceramic input capacitor is recommended for most
applications.
Output Capacitor Selection
For most applications, a 10µF ceramic output ca-
pacitor is recommended. Although REG was de-
signed to take advantage of the benefits of ceramic
capacitors, namely small size and very-low ESR,
low-ESR tantalum capacitors can provide accept-
able results as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com