Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 33Page - Active-Semi, Inc ACT5830 Datasheet HTML 34Page - Active-Semi, Inc ACT5830 Datasheet HTML 35Page - Active-Semi, Inc ACT5830 Datasheet HTML 36Page - Active-Semi, Inc ACT5830 Datasheet HTML 37Page - Active-Semi, Inc ACT5830 Datasheet HTML 38Page - Active-Semi, Inc ACT5830 Datasheet HTML 39Page - Active-Semi, Inc ACT5830 Datasheet HTML 40Page - Active-Semi, Inc ACT5830 Datasheet HTML 41Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 39 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
FUNCTIONAL DESCRIPTIONS CONT’D
Charge Safety Timer
While monitoring the charge cycle, the ACT5830
utilizes a charge safety timer to help identify dam-
aged cells and to ensure that the cell is charged
safely. Three timeout options of 60 minutes, 30 min-
utes, and 45minutes are available, as programmed
by the CHGR/TIMOSET register, and a timer-
disable option is also available for systems that do
not require the ACT5830 to control charge timeouts.
The bit assignments for each timeout period are set
as follows:
CHGR State-Machine
PRECONDITION State
A new charging cycle begins with the PRECONDI-
TION state. In this state, the cell is charged at a
reduced current of 10% of ISET, the programmed
fast charge current. During a normal charge cycle,
charging continues at this rate until VBAT reaches
the Precondition Threshold Voltage of 2.9V (typ), at
which point the charging state machine jumps to its
FAST-CHARGE state. If VBAT does not reach the
Precondition Threshold Voltage before the charge
timeout period expires, then a damaged cell is de-
tected and the state machine jumps to the TIME-
OUT-FAULT State.
FAST-CHARGE State
In FAST-CHARGE mode, the charger operates in
constant-current (CC) mode and charges the cell at
the current programmed by CHGR/ISET. During a
normal charge cycle fast-charge continues until
VBAT reaches the termination voltage programmed
by VSET, at which point the state machine jumps to
the TOPOFF state.
TOP-OFF State
In the TOP-OFF state, the cell is charged in con-
stant-voltage (CV) mode. With the charge current
limited by the internal chemistry of the cell, de-
creases as charging continues. During a normal
charging cycle charging proceeds until the charge
current decreases beyond the End-Of-Charge
(EOC) threshold, defined as 10% of ISET. When
this happens, the state machine terminates the
charge cycle and jumps to the SLEEP state.
SLEEP State
In SLEEP mode the ACT5830 presents a high-
impedance to the battery, allowing the cell to “relax”
and minimizing battery leakage current. The
ACT5830 continues to monitor the cell voltage,
however, so that it can re-initiate charging cycles as
necessary to ensure that the cell remains fully
charged. Under normal operation, the state ma-
chine initiates a new charging cycle by jumping to
the FAST-CHARGE state when VBAT drops below
the Charge Termination Threshold (programmed by
VSET) by more than the Charge Restart Threshold
of 200mV (typ).
SUSPEND State
The ACT5830 features a user-selectable suspend-
charge mode (SUSCHG), which disables the
charger but keeps other circuitry functional. Charg-
ing continues in the SUSPEND state until
CHGR/SUSPEND is cleared, at which point the
charge timer is reset and the state machine jumps
to the PRECHARGE state.
Suspend charge by setting CHGR/SUSCHG = [1].
Permit charging by clearing CHGR/SUSCHG to [0].
TIMEOUT-FAULT State
In order to prevent continued operation with a dam-
aged ce ll, there is no direct path to resume charg-
ing once a Timeout Fault occurs. In order to resume
charging, the state machine must jump to the SUS-
PEND state as a result of any of the following
events:
microprocessor sets CHGR/SUSCHG to [1],
microprocessor pulls nENCHG high,
the input supply is removed or the input suppl volt-
age drops below the UVLO threshold (4V), or
the battery is removed. Once any of these events
TIMOSET
[1:0 ]
PRECONDITION
TIMEOUT
TOTAL CHARGING
TIMEOUT
0
0
60 mins (default)
3.0 hours (default)
0
1
TIMER DISABLED
TIMER DISABLED
1
0
30 mins
1.5 hours
1
1
45 mins
2.2 hours
Table 12:
TIMOSET[ ] Timeout Period Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com