Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 3Page - Active-Semi, Inc ACT5830 Datasheet HTML 4Page - Active-Semi, Inc ACT5830 Datasheet HTML 5Page - Active-Semi, Inc ACT5830 Datasheet HTML 6Page - Active-Semi, Inc ACT5830 Datasheet HTML 7Page - Active-Semi, Inc ACT5830 Datasheet HTML 8Page - Active-Semi, Inc ACT5830 Datasheet HTML 9Page - Active-Semi, Inc ACT5830 Datasheet HTML 10Page - Active-Semi, Inc ACT5830 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ABSOLUTE MAXIMUM RATINGS
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
: Derate 33mW/°C above TA = 70°C.
PARAMETER
VALUE
UNIT
CHG_IN to G
t < 1ms and duty cycle <1%
Steady State
-0.3 to +7
-0.3 to +6
IN1, IN2, BAT, BATID, VICHG, SCL, SDA, PWR_HOLD, nRST, PWR_ON, nON,
nACOK, nENCHG, TCXO_EN, RX_EN, TX_EN, ODIx, ODx to G
-0.3 to +6
V
VP, SW, VREG to GP
-0.3 to +6
V
OUT1, OUT3, OUT5, OUT7 to G
-0.3 to VIN1 + 0.3
V
OUT2, OUT4, OUT6, OUT8 to G
-0.3 to VIN2 + 0.3
V
GP to G
-0.3 to +0.3
V
Junction to Ambient Thermal Resistance (θJA)
30
°C/W
RMS Power Dissipation (TA = 70°C)
2.7
W
Operating Junction Temperature (TJ)
-40 to 150
°C
Operating Temperature Range (TA)
-40 to 85
°C
Store Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
V
V
REF, HF_PWR to G
-0.3 to VBAT + 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com