Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 23 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 23 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 19Page - Active-Semi, Inc ACT5830 Datasheet HTML 20Page - Active-Semi, Inc ACT5830 Datasheet HTML 21Page - Active-Semi, Inc ACT5830 Datasheet HTML 22Page - Active-Semi, Inc ACT5830 Datasheet HTML 23Page - Active-Semi, Inc ACT5830 Datasheet HTML 24Page - Active-Semi, Inc ACT5830 Datasheet HTML 25Page - Active-Semi, Inc ACT5830 Datasheet HTML 26Page - Active-Semi, Inc ACT5830 Datasheet HTML 27Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 23 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
TYPICAL PERFORMANCE CHARACTERISTICS
LDO Load Regulation
(VINx = 3.6V, COUTx = 1µF, TA = 25°C unless otherwise specified.)
Power Supply Rejection Ratio
Frequency (kHz)
1
10
100
60
20
30
50
40
COUT = 1µF
ILOAD = 150mA
LDO5
0.1
CH2
CH3
CH4
CH1
LDO Enable
CH1: PWR_ON, 2V/div
CH2: LDO1, 2V/div
CH3: LDO2, 1V/div
CH4: REG, 1V/div
TIME: 200µs/div
LDO Disable
LDO1, 2
Load Current (mA)
150
250
350
200
50
0
250
0
100
50
150
200
Dropout Voltage vs. Load Current
LDO1
IOUT (mA)
100
200
250
150
50
0
0.0%
-1.5%
-1.0%
-0.5%
70
80
100
300
LDO8
LDO5
LDO3
LDO8
LDO5
LDO3
LDO1
300
350
CH2
CH3
CH4
CH1
CH1: PWR_ON, 2V/div
CH2: LDO1, 2V/div
CH3: LDO2, 1V/div
CH4: REG, 1V/div
TIME: 2ms/div
LDO Output Voltage Noise
CH1
CH1: VOUTx, 1mV/div
TIME: 10ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com