Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 36 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 36 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 32Page - Active-Semi, Inc ACT5830 Datasheet HTML 33Page - Active-Semi, Inc ACT5830 Datasheet HTML 34Page - Active-Semi, Inc ACT5830 Datasheet HTML 35Page - Active-Semi, Inc ACT5830 Datasheet HTML 36Page - Active-Semi, Inc ACT5830 Datasheet HTML 37Page - Active-Semi, Inc ACT5830 Datasheet HTML 38Page - Active-Semi, Inc ACT5830 Datasheet HTML 39Page - Active-Semi, Inc ACT5830 Datasheet HTML 40Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 36 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
CHGR/ISET[3:0]
FAST CHARGE CURRENT
SETTINGS (mA)
0000
100
0001
300
0010
350
0011
400
0100
450 (default)
0101
500
0110
550
0111
600
1000
650
1001
700
1010
750
1011
800
1100
850
1101
900
1110
950
1111
1000
Li+ BATTERY CHARGE REGISTER DESCRIPTIONS CONT’D
CHGR/VSET[3:0]
CHARGE TERMINATION
VOLTAGE (V)
000
4.10
001
4.12
010
4.14
011
4.16
100
4.18
101
4.20 (default)
110
4.22
111
4.24
Table 10:
CHGR Charge Current Settings
Table 11:
Charge Termination Voltage Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com