Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX513CJM6C Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
28
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.4
Output Buffer Impedance Characteristics
This section defines the I/O Impedance parameters of the i.MX51 processor.
3.4.1
LVIO I/O Output Buffer Impedance
3.4.2
DDR Output Buffer Impedance
Table 21. LVIO I/O Output Buffer Impedance
Parameter
Symbol
Conditions
Min
Typical
Max
Unit
OVDD 2.775 V OVDD 1.875 V
Output Driver
Impedance
Rpu
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
Max Drive Strength, Ztl = 37.5
Ω
80
40
27
20
104
52
35
26
150
75
51
38
250
125
83
62
Ω
Output Driver
Impedance
Rpd
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
Max Drive Strength, Ztl = 37.5
Ω
64
32
21
16
88
44
30
22
134
66
44
34
243
122
81
61
Ω
Table 22. DDR I/O Output Buffer Impedance
Parameter
Symbol
Test Conditions
Best Case
Tj = –20 °C
OVDD = 1.95 V
VCC = 1.3 V
Typical
Tj = 25 °C
OVDD = 1.8 V
VCC = 1.2 V
Worst Case
Tj = 105 °C
OVDD = 1.6 V
VCC = 1.1 V
Unit
s0–s5
000000
s0–s5
111111
s0–s5
101010
s0–s5
111111
s0–s5
111111
Output Driver
Impedance
Rpu
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω,
280
140
93.4
55.2
27.6
18.4
150
75
50
50.4
34.8
23.2
90.3
45.4
32
Ω
Output Driver
Impedance
Rpd
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω,
293
147
87.7
32.8
16.4
11
131
65.6
43.8
48.8
22
14.6
72
36
24.3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com