Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX513CJM6C Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 91Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 92Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 93Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 94Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 98Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
95
Preliminary—Subject to Change Without Notice
IP39 Setup time for wait signal
Tswait
—
—
—
—
IP47 Read time point13
Tdrp
Tdrp–1.5
Tdrp
Tdrp+1.5
ns
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be chip specific.
2Display period value for read
ACCESS_SIZE is predefined in REGISTER
3Display period value for write
ACCESS_SIZE is predefined in REGISTER
4Display control down for CS
DISP_DOWN is predefined in REGISTER
5Display control up for CS
DISP_UP is predefined in REGISTER
6Display control down for RS
DISP_DOWN is predefined in REGISTER
7Display control up for RS
DISP_UP is predefined in REGISTER
8Display control down for read
DISP_DOWN is predefined in REGISTER
Table 71. Asynchronous Parallel Interface Timing Parameters (Access Level) (continued)
ID
Parameter
Symbol
Min
Typ1
Max
Unit
Tdicpr
T
DI_CLK
ceil
×
DI_ACCESS_SIZE_#
DI_CLK_PERIOD
---------------------------------------------------------
=
Tdicpw
T
DI_CLK
ceil
×
DI_ACCESS_SIZE_#
DI_CLK_PERIOD
---------------------------------------------------------
=
Tdicdcs
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
-----------------------------------------------------
⎝⎠
⎛⎞
=
Tdicucs
1
2
---T
DI_CLK
ceil
×
2
DISP_UP_#
×
DI_CLK_PERIOD
-----------------------------------------------
⎝⎠
⎛⎞
=
Tdicdrs
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
-----------------------------------------------------
⎝⎠
⎛⎞
=
Tdicurs
1
2
---T
DI_CLK
ceil
×
2
DISP_UP_#
×
DI_CLK_PERIOD
-----------------------------------------------
⎝⎠
⎛⎞
=
Tdicdr
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
-----------------------------------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com