Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX513CJM6C Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 51Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 52Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 53Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 54Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 55Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 56Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 57Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 58Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
55
Preliminary—Subject to Change Without Notice
Figure 31. Mobile DDR SDRAM DQ vs. DQS and SDCLK READ Cycle Timing Diagram
Table 44. Mobile DDR SDRAM Read Cycle Parameter Table1
1 Test conditions are: Capacitance 15 pF for DDR PADS. Recommended drive strengths is medium for SDCLK and high for
address and controls
ID
PARAMETER
Symbol
200 MHz2
2 SDRAM CLK and DQS related parameters are being measured from the 50% point. that is, high is defined as 50% of signal
value and low is defined as 50% as signal value. DDR SDRAM CLK parameters are measured at the crossing point of SDCLK
and SDCLK (inverted clock)
166 MHz
133 MHz
Unit
Min Max Min Max Min Max
DD24 DQS - DQ Skew (defines the Data valid window in read cycles
related to DQS)
tDQSQ
—
0.4
—
0.75
—
0.85
ns
DD25 DQS DQ in HOLD time from DQS
tQH
1.75
—
2.05
—
2.6
—
ns
DD26 DQS output access time from SDCLK posedge
tDQSCK
2
5
2
5.5
2
6.5
ns
SDCLK
SDCLK_B
DQS (input)
DQ (input)
Data
Data
Data
Data
Data
Data
Data
Data
DD26
DD24
DD25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com