Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX513CJM6C Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 65Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 66Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 67Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 68Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 69Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 70Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 71Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 72Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
69
Preliminary—Subject to Change Without Notice
Figure 43. MII Serial Management Channel Timing Diagram
3.7.5
Frequency Pre-Multiplier (FPM) Electrical Parameters (CKIL)
The FPM is a DPLL that converts a signal operating in the kilohertz region into a clock signal operating
in the megahertz region. The output of the FPM provides the reference frequency for the on-chip DPLLs.
Parameters of the FPM are listed in Table 61.
3.7.6
High-Speed I2C (HS-I2C) Timing Parameters
This section describes the timing parameters of the HS-I2C module. This module can operate in the
following modes: Standard, Fast and High speed.
NOTE
See the errata for the HS-I2C module in the i.MX51 Chip Errata. There are
two standard I2C modules that have no errata.
Table 61. FPM Specifications
Parameter
Min
Typ
Max
Unit
Reference clock frequency range—CKIL
32
32.768
256
kHz
FPM output clock frequency range
8
—
33
MHz
FPM multiplication factor (test condition is changed by a factor of 2)
128
—
1024
—
Lock-in time1
1 plrf = 1 cycle assumed missed + x cycles for reset deassert + y cycles for calibration and lock x[ts] = {2,3,5,9};
y[ts] = {7,8,10,14}; where ts is the chosen time scale of the reference clock. In this case reference clock = 32 kHz which makes
ts = 0, therefore total time required for achieving lock is 10(1+2+7) cycles or 312.5
µs.
—
—
312.5
µs
Cycle-to-cycle frequency jitter (peak to peak)
—
8
20
ns
FEC_MDC (output)
FEC_MDIO (output)
M14
M15
M10
M11
M12
M13
FEC_MDIO (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com