Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX513CJM6C Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 90Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 91Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 92Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 93Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 94Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
94
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
IP32
RS hold
Tdchrr
DOWN#
RS strobe release, predefined
value in DI REGISTER
—
IP33
Read start
Tdcsr
UP#
read strobe switch, predefined
value in DI REGISTER
ns
IP34
Read hold
Tdchr
DOWN#
read strobe release signal,
predefined value in DI REGISTER
ns
IP35
Write start
Tdcsw
UP#
write strobe switch, predefined
value in DI REGISTER
ns
IP36
Controls hold time for write
Tdchw
DOWN#
write strobe release, predefined
value in DI REGISTER
ns
IP37
Slave device data delay1
Tracc
Delay of incoming data
Physical delay of display’s data,
defined from Read access local
start point
ns
IP38
Slave device data hold time3
Troh
Hold time of data on the buss Time that display read data is valid
in input bus
ns
IP47
Read time point13
Tdrp
Data sampling point
Point of input data sampling by DI,
predefined in DC Microcode
—
1This parameter is a requirement to the display connected to the IPU.
Table 71. Asynchronous Parallel Interface Timing Parameters (Access Level)
ID
Parameter
Symbol
Min
Typ1
Max
Unit
IP27 Read system cycle time
Tcycr
Tdicpr–1.5
Tdicpr2
Tdicpr+1.5
ns
IP28 Write system cycle time
Tcycw
Tdicpw–1.5
Tdicpw3
Tdicpw+1.5
ns
IP29 RS start
Tdcsrr
Tdicurs–1.5
Tdicurs
Tdicurs+1.5
ns
IP30 CS start
Tdcsc
Tdicucs–1.5
Tdicur
Tdicucs+1.5
ns
IP31 CS hold
Tdchc
TdicdcsTdicucs–1.5
Tdicdcs4–Tdicucs5
Tdicdcs–Tdicucs+1.5
ns
IP32 RS hold
Tdchrr
Tdicdrs–Tdicurs–1.5
Tdicdrs6–Tdicurs7
Tdicdrs–Tdicurs+1.5
ns
IP33 Controls setup time for read
Tdcsr
Tdicur–1.5
Tdicur
Tdicur+1.5
ns
IP34 Controls hold time for read
Tdchr
Tdicdr–Tdicur–1.5
Tdicdr8–Tdicur9
Tdicdr–Tdicur+1.5
ns
IP35 Controls setup time for write
Tdcsw
Tdicuw–1.5
Tdicuw
Tdicuw+1.5
ns
IP36 Controls hold time for write
Tdchw
Tdicdw–Tdicuw–1.5
Tdicpw10–Tdicuw11 Tdicdw–Tdicuw+1.5
ns
IP37 Slave device data delay12
Tracc
0
—
Tdrp13–Tlbd14–Tdicur–1.5
ns
IP38 Slave device data hold time8 Troh
Tdrp–Tlbd–Tdicdr+1.5
—
Tdicpr–Tdicdr–1.5
ns
Table 70. Asynchronous Display Interface Timing Parameters (Pixel Level) (continued)
ID
Parameter
Symbol
Value
Description
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com