Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX513CJM6C Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
10
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Features
SJC
Secure JTAG
Interface
System
Control
Peripherals
JTAG manipulation is a known hacker’s method of executing unauthorized
program code, getting control over secure applications, and running code in
privileged modes. The JTAG port provides a debug access to several hardware
blocks including the ARM processor and the system bus.
The JTAG port must be accessible during platform initial laboratory bring-up,
manufacturing tests and troubleshooting, as well as for software debugging by
authorized entities. However, in order to properly secure the system,
unauthorized JTAG usage should be strictly forbidden.
In order to prevent JTAG manipulation while allowing access for manufacturing
tests and software debugging, the i.MX51 processor incorporates a mechanism
for regulating JTAG access. The i.MX51Secure JTAG Controller provides four
different JTAG security modes that can be selected via e-fuse configuration.
SPBA
Shared
Peripheral
Bus Arbiter
System
Control
Peripherals
SPBA (Shared Peripheral Bus Arbiter) is a two-to-one IP bus interface (IP bus)
arbiter.
SPDIF
Sony Philips
Digital
Interface
Multimedia
Peripherals
A standard digital audio transmission protocol developed jointly by the Sony and
Philips corporations. Only the transmitter functionality is supported.
SRTC
Secure Real
Time Clock
Security
The SRTC incorporates a special System State Retention Register (SSRR) that
stores system parameters during system shutdown modes. This register and all
SRTC counters are powered by dedicated supply rail NVCC_SRTC_POW. The
NVCC_SRTC_POW can be energized even if all other supply rails are shut
down. This register is helpful for storing warm boot parameters. The SSRR also
stores the system security state. In case of a security violation, the SSRR mark
the event (security violation indication).
SSI-1
I2S/SSI/AC97
Interface
Connectivity
Peripherals
The SSI is a full-duplex synchronous interface used on the i.MX51 processor to
provide connectivity with off-chip audio peripherals. The SSI supports a wide
variety of protocols (SSI normal, SSI network, I2S, and AC-97), bit depths (up to
24 bits per word), and clock/frame sync options.
Each SSI has two pairs of 8x24 FIFOs and hardware support for an external
DMA controller in order to minimize its impact on system performance. The
second pair of FIFOs provides hardware interleaving of a second audio stream,
which reduces CPU overhead in use cases where two timeslots are being used
simultaneously.
SSI-2
SSI-3
TVE
TV Encoder
Multimedia
The TVE is implemented in conjunction with the Image Processing Unit (IPU)
allowing handheld devices to display captured still images and
video directly on a TV or LCD projector. It supports the following analog video
outputs: composite, S-video, and component video up to HD720p/1080i.
TZIC
TrustZone
Aware
Interrupt
Controller
ARM/Control
The TrustZone Interrupt Controller (TZIC) collects interrupt requests from all
i.MX51A sources and routes them to the ARM core. Each interrupt can be
configured as a normal or a secure interrupt. Software Force Registers and
software Priority Masking are also supported.
Table 2. i.MX51 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com