Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX513CJM6C Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
12
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Features
2.1
Special Signal Considerations
Table 3 lists special signal considerations for the i.MX51. The signal names are listed in alphabetical order.
The package contact assignments are found in Section 4, “Package Information and Contact
Assignments.” Signal descriptions are defined in the i.MX51 reference manual.
Table 3. Special Signal Considerations
Signal Name
Remarks
CKIH1, CKIH2
Inputs feeding CAMPs (Clock Amplifiers) that have on-chip ac coupling precluding the need for
external coupling capacitors. The CAMPs are enabled by default, but the main clocks feeding the
on-chip clock tree are sourced from XTAL/EXTAL by default. Optionally, the use of a low jitter
external oscillators to feed CKIH1 or CKIH2 (while not required) can be an advantage if low jitter
or special frequency clock sources are required by modules driven by CKIH1 or CKIH2. See CCM
chapter in the i.MX51 reference manual for details on the respective clock trees.
After initialization, the CAMPs could be disabled (if not used) by CCM registers (CCR CAMPx_EN
field). If disabled, the on-chip CAMP output is low; the input is irrelevant. If unused, the user should
tie CKIH1/CKIH2 to GND for best practice.
CLK_SS
Clock Source Select is the input that selects the default reference clock source providing input to
the DPLLs. To use a reference in the megahertz range per Table 8, tie CLK_SS to GND to select
EXTAL/XTAL. To use a reference in the kilohertz range per Table 59, tie CLK_SS to NVCC_PER3
to select CKIL. After initialization, the reference clock source can be changed (initial setting is
overwritten).
Note: Because this input has a keeper circuit, Freescale recommends tying this input to directly
to GND or NVCC_PER3. If a series resistor is used its value must be
≤ 4.7 kΩ.
COMP
The user should bypass this reference with an external 0.1
µF capacitor tied to GND. If TV OUT is
not used, float the COMP contact and ensure the DACs are powered down.
Note: Previous engineering samples required this reference to be bypassed to a positive supply.
FASTR_ANA and
FASTR_DIG
These signals are reserved for Freescale manufacturing use only. User must tie both connections
to GND.
GPANAIO
This signal is reserved for Freescale manufacturing use only. Users should float this output.
GPIO_NAND
This is a general-purpose input/output (GPIO3_12) on the NVCC_NANDF_A power rail.
IOB, IOG, IOR, IOB_BACK,
IOG_BACK, and
IOR_BACK
These signals are analog TV outputs that should be tied to GND when not being used.
JTAG_
nnnn
The JTAG interface is summarized in Table 4. Use of external resistors is unnecessary. However,
if external resistors are used, the user must ensure that the on-chip pull-up/down configuration is
followed. For example, do not use an external pull down on an input that has on-chip pull-up.
JTAG_TDO is configured with a keeper circuit such that the floating condition is eliminated if an
external pull resistor is not present. An external pull resistor on JTAG_TDO is detrimental and
should be avoided.
JTAG_MOD is referenced as SJC_MOD in the i.MX51 Reference Manual. Both names refer to the
same signal. JTAG_MOD must be externally connected to GND for normal operation. Termination
to GND through an external pull-down resistor (such as 1 k
Ω) is allowed.
NC
These signals are No Connect (NC) and should be floated by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com