Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX513CJM6C Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
15
Preliminary—Subject to Change Without Notice
CAUTION
Stresses beyond those listed under Table 6 may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device
at these or any other conditions beyond those indicated under Table 8,
"i.MX51 Operating Ranges," on page 16 is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device
reliability.
Table 7 provides the thermal resistance data.
Table 6. Absolute Maximum Ratings
Parameter Description
Symbol
Min
Max
Unit
Peripheral Core Supply Voltage
VCC
–0.3
1.35
V
ARM Core Supply Voltage
VDDGP
–0.3
1.15
V
Supply Voltage (UHVIO, I2C)
Supplies denoted as I/O Supply
–0.5
3.6
V
Supply Voltage (except UHVIO, I2C)
Supplies denoted as I/O Supply
–0.5
3.3
V
USB VBUS
VBUS
—
5.25
V
Input/Output Voltage Range
Vin/Vout
–0.5
OVDD +0.31
1 The term OVDD in this section refers to the associated supply rail of an input or output. The association is described in
Table 111 on page 141 and Table 114 on page 160. The maximum range can be superseded by the DC tables.
V
ESD Damage Immunity:
Vesd
V
Human Body Model (HBM)
Charge Device Model (CDM)
—
—
2000
500
Storage Temperature Range
TSTORAGE
–40
125
oC
Junction Temperature (MCIMX51xD - Consumer)
TJ
—105
oC
Junction Temperature (MCIMX51xC - Industrial)
TJ
—125
oC
Table 7. Thermal Resistance Data
Rating
Board
Symbol
Value
Unit
Junction to Case1, 19 x 19 mm package
1 Rjc-x per JEDEC 51-12: The junction-to-case thermal resistance. The “x” indicates the case surface where T
case is measured
and through which 100% of the junction power is forced to flow due to the cold plate heat sink fixture placed either at the top (T)
or bottom (B) of the package, with no board attached to the package.
—RθJC
6°C/W
Junction to Case1, 13 x 13 mm package
—
RθJC
6°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com