Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
27
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 8. FIFO Receive AC Timing Diagram
8.3.2
GMII AC Timing Specifications
This section describes the GMII transmit and receive AC timing specifications.
8.3.2.1
GMII Transmit AC Timing Specifications
Table 25 provides the GMII transmit AC timing specifications.
Table 25. GMII Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
GTX_CLK clock period
tGTX
—8.0
—
ns
—
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
0.2
—
5.0
ns
2
GTX_CLK data clock rise time (20%-80%)
tGTXR
——
1.0
ns
—
GTX_CLK data clock fall time (80%-20%)
tGTXF
——
1.0
ns
—
Notes:
1. The symbols used for timing specifications follow the pattern t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGTKHDV symbolizes GMII transmit timing
(GT) with respect to the tGTX clock reference (K) going to the high state (H) relative to the time date input signals (D) reaching
the valid state (V) to state or setup time. Also, tGTKHDX symbolizes GMII transmit timing (GT) with respect to the tGTX clock
reference (K) going to the high state (H) relative to the time date input signals (D) going invalid (X) or hold time. Note that, in
general, the clock reference symbol representation is based on three letters representing the clock of a particular functional.
For example, the subscript of tGTX represents the GMII(G) transmit (TX) clock. For rise and fall times, the latter convention
is used with the appropriate letter: R (rise) or F (fall).
2. Data valid tGTKHDV to GTX_CLK Min setup time is a function of clock period and max hold time (Min setup = cycle time –
Max delay).
tFIRF
tFIRR
RX_CLK
RXD[7:0]
RX_DV
RX_ER
Valid Data
tFIRDX
tFIRDV
tFIRH
tFIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com