Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
94
Freescale Semiconductor
Thermal
Table 66 provides the thermal resistance with heat sink in open flow.
Simulations with heat sinks were done with the package mounted on the 2s2p thermal test board. The
thermal interface material was a typical thermal grease such as Dow Corning 340 or Wakefield 120 grease.
For system thermal modeling, the MPC8533E thermal model without a lid is shown in Figure 56. The
substrate is modeled as a block 29
× 29 × 1.18 mm with an in-plane conductivity of 18.0 W/m•K and a
through-plane conductivity of 1.0 W/m•K. The solder balls and air are modeled as a single block
29
× 29 × 0.58 mm with an in-plane conductivity of 0.034 W/m•K and a through plane conductivity of
12.1 W/m•K. The die is modeled as 7.6
× 8.4 mm with a thickness of 0.75 mm. The bump/underfill layer
is modeled as a collapsed thermal resistance between the die and substrate assuming a conductivity of
6.5 W/m•K in the thickness dimension of 0.07 mm. The die is centered on the substrate. The thermal model
uses approximate dimensions to reduce grid. Please refer to Figure 55 for actual dimensions.
20.2
Recommended Thermal Model
Table 67 shows the MPC8533E thermal model.
Table 66. Thermal Resistance with Heat Sink in Open Flow
Heat Sink with Thermal Grease
Air Flow
Thermal Resistance (
°C/W)
Wakefield 53
× 53 × 25 mm pin fin
Natural convection
6.1
Wakefield 53
× 53 × 25 mm pin fin
1 m/s
3.0
Aavid 35
× 31 × 23 mm pin fin
Natural convection
8.1
Aavid 35
× 31 × 23 mm pin fin
1 m/s
4.3
Aavid 30
× 30 × 9.4 mm pin fin
Natural convection
11.6
Aavid 30
× 30 × 9.4 mm pin fin
1 m/s
6.7
Aavid 43
× 41 × 16.5 mm pin fin
Natural convection
8.3
Aavid 43
× 41 × 16.5 mm pin fin
1 m/s
4.3
Table 67. MPC8533EThermal Model
Conductivity
Value
Units
Die (7.6
× 8.4 × 0.75mm)
Silicon
Temperature dependent
—
Bump/Underfill (7.6
× 8.4 × 0.070 mm) Collapsed Thermal Resistance
Kz
6.5
W/m•K
Substrate (29
× 29 × 1.18 mm)
Kx
18
W/m•K
Ky
18
Kz
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com