Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
88
Freescale Semiconductor
Package Description
AVDD_SRDS
W28
Power for
SRDSPLL
(1.0 V)
—19
AVDD_SRDS2
AG1
Power for
SRDSPLL
(1.0 V)
—19
SENSEVDD
W11
O
VDD
12
SENSEVSS
W10
—
—
12
Analog Signals
MVREF
A28
Reference
voltage signal
for DDR
MVREF
—
SD1_IMP_CAL_RX
M26
—
200
Ω to GND
—
SD1_IMP_CAL_TX
AE28
—
100
Ω to GND
—
SD1_PLL_TPA
V26
—
AVDD_SRDS
ANALOG
17
SD2_IMP_CAL_RX
AH3
I
200
Ω to GND
—
SD2_IMP_CAL_TX
Y1
I
100
Ω to GND
—
SD2_PLL_TPA
AH1
O
AVDD_SRDS2
ANALOG
17
No Connect Pins
NC
C19, D7, D10, K13, L6, K9, B6, F12, J7, M19,
M25, N19, N24, P19, R19, AB19, T12, W3,
M12, W5, P12, T19, W1, W7, L13, U19, W4, V8,
V9, V10, V11, V12, V13, V14, V15, V16, V17,
V18, V19, W2, W6, W8, T11, U11, W12, W13,
W14, W15, W16, W17, W18, W19, W27, V25,
Y17, Y18, Y19, AA18, AA19, AB20, AB21,
AB22, AB23, J9
——
—
Notes:
1. All multiplexed signals are listed only once and do not re-occur. For example, LCS5/DMA_REQ2 is listed only once in the
Local Bus Controller Interface section, and is not mentioned in the DMA section even though the pin also functions as
DMA_REQ2.
2. Recommend a weak pull-up resistor (2–10 K
Ω) be placed on this pin to OVDD.
3. This pin must always be pulled high.
4. This pin is a reset configuration pin. It has a weak internal pull-up P-FET which is enabled only when the processor is in the
reset state. This pull-up is designed such that it can be overpowered by an external 4.7-k
Ω pull-down resistor. However, if
the signal is intended to be high after reset, and if there is any device on the net which might pull down the value of the net
at reset, then a pull-up or active driver is needed.
5.
Treat these pins as no connects (NC) unless using debug address functionality.
Table 57. MPC8533E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com