Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
87
Package Description
VDD
L16, L14, M13, M15, M17, N12, N14, N16, N18,
P13, P15, P17, R12, R14, R16, R18, T13, T15,
T17, U12, U14, U16, U18,
Power for core
(1.0 V)
VDD
—
SVDD_SRDS
M27, N25, P28, R24, R26, T24, T27, U25, W24,
W26, Y24, Y27, AA25, AB28, AD27
Core power for
SerDes 1
transceivers
(1.0 V)
SVDD
—
SVDD_SRDS2
AB1, AC26, AD2, AE26, AG2
Core power for
SerDes 2
transceivers
(1.0 V)
SVDD
—
XVDD_SRDS
M21, N23, P20, R22, T20, U23, V21, W22, Y20
Pad power for
SerDes 1
transceivers
(1.0 V)
XVDD
—
XVDD_SRDS2
Y6, AA6, AA23, AF5, AG5
Pad power for
SerDes 2
transceivers
(1.0 V)
XVDD
—
XGND_SRDS
M20, M24, N22, P21, R23, T21, U22, V20, W23,
Y21
——
—
XGND_SRDS2
Y4, AA4, AA22, AD4, AE4, AH4
—
—
—
SGND_SRDS
M28, N26, P24, P27, R25, T28, U24, U26, V24,
W25, Y28, AA24, AA26, AB24, AB27, AC24,
AD28
——
—
AGND_SRDS
V27
SerDes PLL
GND
——
SGND_SRDS2
Y2, AA1, AB3, AC2, AC3, AC25, AD3, AD24,
AE3, AE1, AE25, AF3, AH2
——
—
AGND_SRDS2
AF1
SerDes PLL
GND
——
AVDD_LBIU
C28
Power for local
bus PLL
(1.0 V)
—19
AVDD_PCI1
AH20
Power for PCI
PLL
(1.0 V)
—19
AVDD_CORE
AH14
Power for e500
PLL (1.0 V)
—19
AVDD_PLAT
AH18
Power for CCB
PLL (1.0 V)
—19
Table 57. MPC8533E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com