Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
100
Freescale Semiconductor
Thermal
Thermagon Inc.
888-246-9050
4707 Detroit Ave.
Cleveland, OH 44102
Internet: www.thermagon.com
20.3.3
Heat Sink Selection Examples
The following section provides a heat sink selection example using one of the commercially available heat
sinks.
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
TJ = TI + TR + (θJC + θINT + θSA) × PD
where
TJ is the die-junction temperature
TI is the inlet cabinet ambient temperature
TR is the air temperature rise within the computer cabinet
θ
JC is the junction-to-case thermal resistance
θ
INT is the adhesive or interface material thermal resistance
θ
SA is the heat sink base-to-ambient thermal resistance
PD is the power dissipated by the device
During operation the die-junction temperatures (TJ) should be maintained within the range specified in
Table 2. The temperature of air cooling the component greatly depends on the ambient inlet air temperature
and the air temperature rise within the electronic cabinet. An electronic cabinet inlet-air temperature (TI)
may range from 30
° to 40°C. The air temperature rise within a cabinet (T
R) may be in the range of 5° to
10
°C. The thermal resistance of the thermal interface material (θINT) may be about 1°C/W. Assuming a TI
of 30
°C, a T
R of 5°C, a FC-PBGA package θJC = 0.1, and a power consumption (PD) of 5, the following
expression for TJ is obtained:
Die-junction temperature: TJ = 30°C + 5°C + (0.1°C/W + 1.0°C/W + θSA) × PD
The heat sink-to-ambient thermal resistance (
θSA) versus airflow velocity for a Thermalloy heat sink
#2328B is shown in Figure 60.
Assuming an air velocity of 1 m/s, we have an effective
θSA+ of about 5°C/W, thus
TJ = 30° + 5°C + (0.1°C/W + 1.0°C/W + 5°C/W) × 5
resulting in a die-junction temperature of approximately 66, which is well within the maximum operating
temperature of the component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com