Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
57
GPIO
14 GPIO
This section describes the DC and AC electrical specifications for the GPIO interface of the MPC8533E.
14.1
GPIO DC Electrical Characteristics
Table 48 provides the DC electrical characteristics for the GPIO interface.
14.2
GPIO AC Electrical Specifications
Table 49 provides the GPIO input and output AC timing specifications.
Figure 36 provides the AC test load for the GPIO.
Figure 36. GPIO AC Test Load
Table 48. GPIO DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
2OVDD + 0.3
V
—
Low-level input voltage
VIL
– 0.3
0.8
V
—
Input current (VIN = 0 V or VIN = VDD)
IIN
—±5
μA1
High-level output voltage (OVDD = mn, IOH = –2 mA)
VOH
2.4
—
V
—
Low-level output voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 49. GPIO Input AC Timing Specifications
Parameter
Symbol
Typ
Unit
Notes
GPIO inputs—minimum pulse width
tPIWID
20
ns
1
Note:
1. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID ns to ensure proper operation.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com