Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
35
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 18 shows the RGMII and RTBI AC timing and multiplexing diagrams.
Figure 18. RGMII and RTBI AC Timing and Multiplexing Diagrams
8.5.5
RMII AC Timing Specifications
This section describes the RMII transmit and receive AC timing specifications.
8.5.5.1
RMII Transmit AC Timing Specifications
The RMII transmit AC timing specifications are in Table 33.
Table 33. RMII Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
REF_CLK clock period
tRMT
15.0
20.0
25.0
ns
—
REF_CLK duty cycle
tRMTH
35
50
65
%
—
REF_CLK peak-to-peak jitter
tRMTJ
—
—
250
ps
—
Rise time REF_CLK (20%–80%)
tRMTR
1.0
—
2.0
ns
—
Fall time REF_CLK (80%–20%)
tRMTF
1.0
—
2.0
ns
—
GTX_CLK
tRGT
tRGTH
tSKRGT_TX
TX_CTL
TXD[8:5]
TXD[7:4]
TXD[9]
TXERR
TXD[4]
TXEN
TXD[3:0]
(At Transmitter)
TXD[8:5][3:0]
TXD[7:4][3:0]
TX_CLK
(At PHY)
RX_CTL
RXD[8:5]
RXD[7:4]
RXD[9]
RXERR
RXD[4]
RXDV
RXD[3:0]
RX_CLK
(At PHY)
tSKRGT_RX
tSKRGT_RX
tSKRGT_TX
tRGTH
tRGT
GTX_CLK
(At Receiver)
RXD[8:5][3:0]
RXD[7:4][3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com