Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
75
PCI Express
TRX-EYE-MEDIAN-to-MAX
-JITTER
Maximum time
between the jitter
median and
maximum deviation
from the median
—
—
0.3
UI
Jitter is defined as the measurement
variation of the crossing points (VRX-DIFFp-p
= 0 V) in relation to a recovered TX UI. A
recovered TX UI is calculated over 3500
consecutive unit intervals of sample data.
Jitter is measured using all edges of the 250
consecutive UI in the center of the 3500 UI
used for calculating the TX UI. See Notes 2,
3, and 7.
VRX-CM-ACp
AC peak common
mode input voltage
——
150
mV
VRX-CM-ACp = |VRXD+ – VRXD–|/2 –
VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+ – VRX-D–|/2
See Note 2.
RLRX-DIFF
Differential return
loss
15
—
—
dB
Measured over 50 MHz to 1.25 GHz with the
D+ and D– lines biased at +300 and
–300 mV, respectively. See Note 4.
RLRX-CM
Common mode
return loss
6
—
—
dB
Measured over 50 MHz to 1.25 GHz with the
D+ and D– lines biased at 0 V. See Note 4.
ZRX-DIFF-DC
DC differential input
impedance
80
100
120
Ω
RX DC differential mode impedance. See
Note 5.
ZRX-DC
DC input impedance
40
50
60
Ω
Required RX D+ as well as D– DC
impedance (50 ± 20% tolerance).
See Notes 2 and 5.
ZRX-HIGH-IMP-DC
Powered down DC
input impedance
200 k
—
—
Ω
Required RX D+ as well as D– DC
impedance when the receiver terminations
do not have power. See Note 6.
VRX-IDLE-DET-DIFFp-p
Electrical idle detect
threshold
65
—
175
mV
VRX-IDLE-DET-DIFFp-p = 2 × |VRX-D+ – VRX-D–|
Measured at the package pins of the
receiver.
TRX-IDLE-DET-DIFF-
ENTERTIME
Unexpected
electrical idle enter
detect threshold
integration time
—
—
10
ms
An unexpected electrical idle (VRX-DIFFp-p
< VRX-IDLE-DET-DIFFp-p) must be recognized
no longer than TRX-IDLE-DET-DIFF-ENTERING to
signal an unexpected idle condition.
Table 55. Differential Receiver (RX) Input Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com