Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTARJB Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTARJB Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTARJB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8533ECVTARJB Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
101
Thermal
Figure 60. Approach Air Velocity (m/s)
20.3.4
Temperature Diode
The MPC8533E has a temperature diode on the microprocessor that can be used in conjunction with other
system temperature monitoring devices (such as Analog Devices, ADT7461™). These devices use the
negative temperature coefficient of a diode operated at a constant current to determine the temperature of
the microprocessor and its environment. It is recommended that each device be individually calibrated.
The following are voltage forward biased range of the on-board temperature diode:
Vf > 0.40 V
Vf < 0.90 V
An approximate value of the ideality may be obtained by calibrating the device near the expected operating
temperature. The ideality factor is defined as the deviation from the ideal diode equation:
Another useful equation is:
where:
Ifw = Forward current
1
3
5
7
8
0
0.511.5
22.5
33.5
Thermalloy #2328B Pin-fin Heat Sink
(25
× 28 × 15 mm)
2
4
6
Ifw = Is e
qVf
nKT – 1
IH
IL
VH – VL = n
ln
KT
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com