Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 29Page - Infineon Technologies AG TLE7368 Datasheet HTML 30Page - Infineon Technologies AG TLE7368 Datasheet HTML 31Page - Infineon Technologies AG TLE7368 Datasheet HTML 32Page - Infineon Technologies AG TLE7368 Datasheet HTML 33Page - Infineon Technologies AG TLE7368 Datasheet HTML 34Page - Infineon Technologies AG TLE7368 Datasheet HTML 35Page - Infineon Technologies AG TLE7368 Datasheet HTML 36Page - Infineon Technologies AG TLE7368 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Data Sheet
33
Rev. 1.1, 2007-11-08
TLE7368
Application Information
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 10
Application Diagram, Example
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
5.5V
5.0V
2.6/3.3V
1.5V
1.0/2.6V
BST
SW
FB/L_IN
Q_T1
Q_T2
Q_LDO1
IN_LDO2
Q_LDO2
SEL_LDO2
DRV_EXT
FB_EXT
WDO
Q_STBY
SEL_STBY
GND_A
MON_STBY
IN_STBY
WDI
RO_2
RT
RO_1
EN_µC
EN_IGN
IN
C2
CCP
C1
GND_P
INT.BIASING,
CHARGE PUMP
PWM
CONTROLLER
ENABLE
≥ 1
RESET
(WINDOW
COMPARATOR)
RESET
(WINDOW
COMPARATOR)
STANDBY
MONITOR
WINDOW
WATCHDOG
TEMPERATURE
SENSE
TLE 7368
TIMING
5V, to sensor
5V, to sensor
5V
e.g. 3.3V
e.g. 1.5V
e.g. 1.5V
to µC
to µC
from µC
to µC
to µC
from µC
from IGN
Keep Alive
Input
Battery
Input
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com