Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 18Page - Infineon Technologies AG TLE7368 Datasheet HTML 19Page - Infineon Technologies AG TLE7368 Datasheet HTML 20Page - Infineon Technologies AG TLE7368 Datasheet HTML 21Page - Infineon Technologies AG TLE7368 Datasheet HTML 22Page - Infineon Technologies AG TLE7368 Datasheet HTML 23Page - Infineon Technologies AG TLE7368 Datasheet HTML 24Page - Infineon Technologies AG TLE7368 Datasheet HTML 25Page - Infineon Technologies AG TLE7368 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TLE7368
Detailed Internal Circuits Description
Data Sheet
22
Rev. 1.1, 2007-11-08
5
Detailed Internal Circuits Description
In the following the main circuit blocks of the TLE7368, namely the Buck converter, the linear regulators, the
trackers, the charge pump, the enable and reset circuits and the watchdog are described in more detail.
5.1
Buck Regulator
The TLE7368’s DC to DC converter features all the functions necessary to implement a high efficient, low emission
Buck regulator with minimum external components. The step down regulator in the TLE7368 follows a concept
similar to the one of its predecessor, TLE6368, which allows operation over a battery voltage range from as low
as 4.5 V up to a maximum of 45 V at peak currents of 2.5 A at minimum. Figure 3 shows the block diagram of the
converter with its major components, i.e. the internal DMOS power stages, the high side driver including its supply
scheme, the power stage slope control circuit for reduced EME, the current mode control scheme and various
protection circuits for safe converter operation.
5.1.1
Buck Regulator Control Scheme
The step down converter’s control method is based upon the current mode control scheme. Current mode control
provides an inherent line feed forward, cycle by cycle current limiting and ease of loop compensation. No external
compensation components are needed to stabilize the loop, i.e. the operation of the Buck converter. The slope
compensation circuit in addition to the current sense amplifier and the error amplifier prevents instabilities/sub
harmonic oscillations at duty cycles higher than 0.5. The cycle by cycle current limiting feature supports also a soft
start feature during power up. Additional implemented current blanking prevents faulty DMOS turn off signals
during switching operation.
5.1.2
High Side Driver Supply and 100% Duty Cycle Operation
The supply concept of the Buck converter’s power stage driver follows the Bootstrapping principle. A small external
capacitor, placed between pins SW and BST, is used to provide the necessary charge at the gate of the power
stage. The capacitor is refreshed at each switching cycle while the power stage is turned off resulting in the ability
to power the gate at the next turn on of the power stage.
In cases where the input/battery voltage approaches the nominal Buck converter output voltage, the duty cycle of
the converter increases. At the point where the power stage is statically turned on (100% duty cycle) a refresh of
the Bootstrap capacitor as described above is not possible. In this case the charge pump helps to accomplish the
gate over drive in order to keep the power stage turned on with low
R
dson. With decreasing input voltage, shortly
before switching to 100% duty cycle, the device operates in pulse skipping mode. In this mode the device appears
to be operating at much lower frequencies with very small duty cycles. In real, the device is doing a few 100% duty
cycle periods followed by a period with a duty cycle smaller than 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com